Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATI242000A Datasheet (PDF) - Analog Technologies, Inc.

ATI242000A Datasheet PDF - Analog Technologies, Inc.
Part # ATI242000A
Download  ATI242000A Download
File Size   353.66 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Benchtop High Voltage Amplifier/Piezo Driver

ATI242000A Datasheet (PDF)

Go To PDF Page Download Datasheet
ATI242000A Datasheet PDF - Analog Technologies, Inc.

Part # ATI242000A
Download  ATI242000A Click to download

File Size   353.66 Kbytes
Page   3 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Benchtop High Voltage Amplifier/Piezo Driver

ATI242000A Datasheet (HTML) - Analog Technologies, Inc.


ATI242000A Product details

MAIN FEATURES
 Built-in High Voltage Converter
 Compact Size: 230(L)×252.0(W)×85.0(H) mm
 High Current Capability: Up to 20mA
 High Slew Rate: 200V/μs
 Input Voltage : 220VAC±10% 50Hz or
110VAC±10% 60Hz
 Wide Output Voltage Range: VOUT = 0 ~ 2kV
 Offset Voltage: 10V
 Bandwidth: Up to 20kHz
 Weight: 10.2lb (5.0kg)

APPLICATIONS
High voltage amplifications for driving piezos and other
high voltage loads.

DESCRIPTION
The ATI242000A is an electronic module for amplifying an
analog input voltage into a high voltage output. Figure 1 shows
its physical photos. It comes with a high voltage AC-DC
converter, which converts the 110VAC/220VAC input voltage
into a 0V to 2kV output voltage. The analog output voltage can
swing almost from 0V to 2kV when it is powered by an
110VAC/220VAC power supply. There is an LCD display
indicating if the amplifier works properly.




Similar Part No. - ATI242000A

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
ATI2458G-4717-55 YIC-ATI2458G-4717-55 Datasheet
361Kb / 4P
2.4G / 5.8GHz Dual Band Wi-Fi Antenna
More results


Similar Description - ATI242000A

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
AHVA100V2X100MA ANALOGTECHNOLOGIES-AHVA100V2X100MA Datasheet
745Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X10MA ANALOGTECHNOLOGIES-AHVA100V2X10MA Datasheet
615Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X20MA ANALOGTECHNOLOGIES-AHVA100V2X20MA Datasheet
608Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X50MA ANALOGTECHNOLOGIES-AHVA100V2X50MA Datasheet
607Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA100V2X5MA ANALOGTECHNOLOGIES-AHVA100V2X5MA Datasheet
750Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA1KV2X50MA ANALOGTECHNOLOGIES-AHVA1KV2X50MA Datasheet
526Kb / 6P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA250V2X40MA ANALOGTECHNOLOGIES-AHVA250V2X40MA Datasheet
625Kb / 8P
High Voltage Amplifier/Piezo Driver
7/13/2022
AHVA2KV2X10MA ANALOGTECHNOLOGIES-AHVA2KV2X10MA Datasheet
592Kb / 8P
High Voltage Amplifier/Piezo Driver
1/20/2022
AHVA2KV2X50MA ANALOGTECHNOLOGIES-AHVA2KV2X50MA Datasheet
593Kb / 8P
High Voltage Amplifier/Piezo Driver
1/20/2022
AHVA500V2X5MA ANALOGTECHNOLOGIES-AHVA500V2X5MA Datasheet
498Kb / 6P
High Voltage Amplifier/Piezo Driver
7/13/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com