Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES6168FA Datasheet (PDF) - ESS Technology,Inc

ES6168FA Datasheet PDF - ESS Technology,Inc
Part # ES6168FA
Download  ES6168FA Download
File Size   97.39 Kbytes
Page   10 Pages
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc
Description Vibratto-S DVD Processor Product Brief

ES6168FA Datasheet (PDF)

Go To PDF Page Download Datasheet
ES6168FA Datasheet PDF - ESS Technology,Inc

Part # ES6168FA
Download  ES6168FA Click to download

File Size   97.39 Kbytes
Page   10 Pages
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc
Description Vibratto-S DVD Processor Product Brief

ES6168FA Datasheet (HTML) - ESS Technology,Inc


ES6168FA Product details

DESCRIPTION

The ES6168A VibrattoS DVD processor is a super high performance single-chip MPEG video decoding solution that provides not only DVD decoding, but also MPEG-4 support, allowing users to view video clips (from the Internet, a camcorder, or other source) on DVD players.

The ES6168A integrates a state-of-the-art progressive scan video feature to provide brilliant and sharp, flicker free output to the video display, built-in CPRM, and S/PDIF input and output support. The ES6168A performs audio/video stream data processing, TV encoding, Macrovision copy protection, DVD system navigation, system control, and housekeeping functions.

The Vibratto-S DVD processor is built on the ESS proprietary dual CPU Programmable Multimedia Processor (PMP) core consisting of 32-bit RISC and 64-bit DSP processors and offers the best DVD feature set. The processing units enable simultaneous parallel execution of system commands and data processing to perform specialized encoding and decoding tasks.



FEATURES

• Single-chip DVD processor.

• MPEG-4 Advanced Simple Profile* at full screen (D1).

• Integrated NTSC/PAL encoder with pixel-adaptive de-interlacer and five 10-bit 54 MHz video DACs.

• High-quality progressive scan video output for flicker-free video display.

• DVD-Video, DVD-VR, VCD 1.1 and 2.0, and SVCD.

• Full DVD-Audio support including MLP and LPCM decode, CPPM decryption, and watermark detection.

• Media playback with CD-ROM, CD-R/RW, DVD-R/RW, DVD+R/RW, and DVD-RAM.

• Up to 7.1 channel audio outputs.

• Interface for IDE devices, A/V DVD loaders.

• Interface for CF, MS, SD, MMC, and SM memory cards.

• Direct interface of 8-/16-bit DRAM up to 128-Mb capacity.

• Direct interface for up to 4 banks of 8-/16-bit EPROM or Flash EPROM for up to 4-MB for each bank.

• Macrovision 7.1 for NTSC/PAL interlaced video.

• Macrovision NTSC/PAL (480p/576p) progressive scan video.

• Simultaneous composite, S-video, and YUV outputs.

• CCIR 656/601 YUV 4:2:2 input and output.

• On-Screen Display controller supports 256 colors in 8 degrees of transparency.

• Subpicture Unit (SPU) decoder supports karaoke lyric, subtitles, and EIA-608 compliant Line 21 Captioning.

• SmartLogo for custom JPEG wallpaper.

• JPEG digital photo support (Kodak Picture CD and Fujifilm FujiColor CD™).

• ESS Music Slideshow™.

• Bass management.

• Dolby Digital (AC-3), Dolby Pro Logic™, and Pro Logic II.

• DTS™ surround.

• S/PDIF digital audio input and output.

• MPEG AAC and Multichannel.

• SRS TruSurround® and TruSurround XT.

• Windows™ Media Audio decoding.

• Professional karaoke with full scoring scheme.

• Lead-free leads using 98%-Sn/2%-Cu or 98%-Sn/2%-Bi available with ES6168FAF.



 




Similar Part No. - ES6168FA

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES6168FA ESS-ES6168FA Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6168FAF ESS-ES6168FAF Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
More results


Similar Description - ES6168FA

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
DVD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
DVD Processor Product Brief
logo
Zarlink Semiconductor I...
ZL30462 ZARLINK-ZL30462 Datasheet
432Kb / 23P
Vibratto-S DVD Processor Product Brief
logo
List of Unclassifed Man...
ES6629 ETC1-ES6629 Datasheet
62Kb / 4P
Vibratto-II DVD Processor Product Brief
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
Vibratto-II Automotive DVD Processor Product Brief
ES6028 ETC2-ES6028 Datasheet
85Kb / 10P
Vibratto DVD Processor
logo
ESS Technology,Inc
ES6128 ESS-ES6128 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6168A ESS-ES6168A_05 Datasheet
164Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6178 ESS-ES6178 Datasheet
165Kb / 10P
Vibratto-S DVD Processor Product Brief
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
Vibratto-S Automotive DVD Processor Product Brief
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com