Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3002934 Datasheet (PDF) - PHOENIX CONTACT

3002934 Datasheet PDF - PHOENIX CONTACT
Part # 3002934
Download  3002934 Download
File Size   440.84 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X1,5-NS15A RD

3002934 Datasheet (PDF)

Go To PDF Page Download Datasheet
3002934 Datasheet PDF - PHOENIX CONTACT

Part # 3002934
Download  3002934 Click to download

File Size   440.84 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X1,5-NS15A RD

3002934 Datasheet (HTML) - PHOENIX CONTACT


3002934 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 500 V, nominal
current: 17.5 A, connection method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2,
mounting type: NS 15, color: red

Your advantages
• Clear arrangement thanks to marking of all terminal points
• Convenient test options, thanks to test openings at every terminal point
• Space-saving potential distribution, thanks to compact micro potential distributors
• Space-saving, thanks to the compact design
• Flexible use, thanks to DIN rail and direct mounting




Similar Part No. - 3002934

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002931 PHOENIX-3002931 Datasheet
438Kb / 20P
Distribution block - PTFIX 12X1,5-NS15A RD
Jun 3, 2022
3002936 PHOENIX-3002936 Datasheet
72Kb / 5P
Distribution block - PTFIX 6X1,5-NS15A WH
More results


Similar Description - 3002934

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002926 PHOENIX-3002926 Datasheet
442Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A BU
Jun 13, 2022
3002969 PHOENIX-3002969 Datasheet
440Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A BK
Jun 13, 2022
1047444 PHOENIX-1047444 Datasheet
443Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A RD
Jul 6, 2022
3002917 PHOENIX-3002917 Datasheet
439Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A GY
Jun 24, 2022
3002961 PHOENIX-3002961 Datasheet
442Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A YE
Jun 24, 2022
3002972 PHOENIX-3002972 Datasheet
440Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A BN
Jun 24, 2022
3002944 PHOENIX-3002944 Datasheet
440Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A WH
Jul 6, 2022
3002952 PHOENIX-3002952 Datasheet
441Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A OG
Jul 6, 2022
3002965 PHOENIX-3002965 Datasheet
443Kb / 19P
Distribution block - PTFIX 18X1,5-NS15A GN
Jul 21, 2022
3002975 PHOENIX-3002975 Datasheet
443Kb / 19P
Distribution block - PTFIX 18X1,5-NS15A VT
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com