Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCUT05B1-DD1 Datasheet (PDF) - Vishay Siliconix

VCUT05B1-DD1 Datasheet PDF - Vishay Siliconix
Part # VCUT05B1-DD1
Download  VCUT05B1-DD1 Download
File Size   121.94 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M

VCUT05B1-DD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
VCUT05B1-DD1 Datasheet PDF - Vishay Siliconix

Part # VCUT05B1-DD1
Download  VCUT05B1-DD1 Click to download

File Size   121.94 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M

VCUT05B1-DD1 Datasheet (HTML) - Vishay Siliconix


VCUT05B1-DD1 Product details

FEATURES
• Ultra compact LLP1006-2M package
• Low package height < 0.4 mm
• 1-line ESD protection
• Working range ± 5.5 V
• Low leakage current < 0.1 μA
• Low load capacitance CD = 10 pF
• ESD immunity acc. IEC 61000-4-2
± 30 kV contact discharge
± 30 kV air discharge
• Soldering can be checked by standard vision inspection,
no X-ray necessary
• Pin plating NiPdAu (e4) no whisker growth
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VCUT05B1-DD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT05B1-DD1 VISHAY-VCUT05B1-DD1 Datasheet
97Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
24-Feb-11
VCUT05B1-DD1 VISHAY-VCUT05B1-DD1 Datasheet
124Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M
20-Sep-2019
VCUT05B1-DD1-G-08 VISHAY-VCUT05B1-DD1-G-08 Datasheet
112Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
21-Jun-12
More results


Similar Description - VCUT05B1-DD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VCUT03B1-DD1 VISHAY-VCUT03B1-DD1 Datasheet
464Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
13-Jul-10
VCUT0505B-HD1 VISHAY-VCUT0505B-HD1 Datasheet
96Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2L
26-Oct-10
VCUT05B1-DD1 VISHAY-VCUT05B1-DD1 Datasheet
97Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
24-Feb-11
VCUT05B1-DD1-G-08 VISHAY-VCUT05B1-DD1-G-08 Datasheet
112Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
21-Jun-12
VBUS05L1-DD1 VISHAY-VBUS05L1-DD1 Datasheet
126Kb / 5P
Bidirectional Symmetrical (BiSy) Low Capacitance, Single-Line ESD Protection Diode in LLP1006-2M
04-Jan-2019
VCUT05B1DD1 VISHAY-VCUT05B1DD1 Datasheet
124Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2M
20-Sep-2019
VCUT0505B-HD1 VISHAY-VCUT0505B-HD1_V01 Datasheet
135Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
03-Jan-2019
VCUT07B1-HD1 VISHAY-VCUT07B1-HD1_V01 Datasheet
333Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD Protection Diode in LLP1006-2L
04-Jan-2019
VCUT03B1-DD1 VISHAY-VCUT03B1-DD1_V01 Datasheet
110Kb / 5P
Bidirectional Symmetrical (BiSy) Single Line ESD-Protection Diode in LLP1006-2M
19-Nov-2021
VBUS05L1-DD1 VISHAY-VBUS05L1-DD1_V01 Datasheet
127Kb / 5P
Bidirectional Symmetrical (BiSy) Low Capacitance, Single-Line ESD Protection Diode in LLP1006-2M
04-Jan-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com