Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6250A Datasheet (PDF) - AiT Semiconductor Inc.

A6250A Datasheet PDF - AiT Semiconductor Inc.
Part # A6250A
Download  A6250A Download
File Size   747.24 Kbytes
Page   11 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR

A6250A Datasheet (PDF)

Go To PDF Page Download Datasheet
A6250A Datasheet PDF - AiT Semiconductor Inc.

Part # A6250A
Download  A6250A Click to download

File Size   747.24 Kbytes
Page   11 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR

A6250A Datasheet (HTML) - AiT Semiconductor Inc.


A6250A Product details

DESCRIPTION
A6250A series is a group of positive voltage output, low power consumption, low dropout voltage, three terminal regulator. It can provide 250mA output current when input / output voltage differential drops to 430mV (VOUT=2.8V). The very low power consumption of A6250A (IQ=1.0uA) can greatly improve natural life of batteries.
A6250A can provide output value in the range of 1.1V~5.5V in 0.1V steps. It also can be customized on command.
A6250A includes high accuracy voltage reference, error amplifier, current limit circuit and output driver module.
A6250A has well load transient response and good
temperature characteristic , a nd it uses trimming
technique to guarantee output voltage accuracy
within 2%.
The A6250A is available in SOT 23 SOT 25 and
SOT89 3 packages.

FEATURES
 Low Power Consumption:1.0uA(Typ.)
 Maximum Output Current: 2 5 0mA
 Small Dropout Voltage
210mV@100mA (VOUT=2.8V)
430mV@2 0 0mA (VOUT=2.8V)
 Input Voltage Range:1.5V~8V
 Output Voltage Range:1.1V~5.5V
(customized on command in 0.1V steps)
 Highly Accurate:±2%(±1% customized)
 Output Current Limit
 Available in SOT 23 , SOT 25 and SOT89 3
p ackage s

APPLICATION
 Battery Powered equipment
 Power Management of MP3、PDA、DSC、Mouse、PS2 Games
 Reference Voltage Source Regulation after Switching Power




Similar Part No. - A6250A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
A6250 EMMICRO-A6250 Datasheet
588Kb / 13P
High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
logo
AiT Semiconductor Inc.
A6250C AITSEMI-A6250C Datasheet
996Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW POWER LOW DROPOUT MIDDLE CURRENT
REV1.4
A6250CE3RXX AITSEMI-A6250CE3RXX Datasheet
996Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW POWER LOW DROPOUT MIDDLE CURRENT
REV1.4
A6250CE3VRXX AITSEMI-A6250CE3VRXX Datasheet
996Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW POWER LOW DROPOUT MIDDLE CURRENT
REV1.4
A6250CK3RXX AITSEMI-A6250CK3RXX Datasheet
996Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 250mA LOW POWER LOW DROPOUT MIDDLE CURRENT
REV1.4
More results


Similar Description - A6250A

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
Low Dropout 250mA Linear Regulator
logo
ACE Technology Co., LTD...
ACE501 ACE-ACE501 Datasheet
521Kb / 9P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.2
ACE501 ACE-ACE501_12 Datasheet
807Kb / 10P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.4
ACE501 ACE-ACE501_14 Datasheet
749Kb / 8P
250mA CMOS Low Dropout Voltage Low consumption Regulator
VER 1.6
logo
SHANGHAI BELLING CO., L...
BL8061 BELLING-BL8061 Datasheet
691Kb / 10P
250mA Low Consumption Linear Regulator
logo
ACE Technology Co., LTD...
ACE523C ACE-ACE523C Datasheet
657Kb / 8P
250mA Low consumption Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8062 BELLING-BL8062 Datasheet
839Kb / 6P
250mA Low Consumption Linear Regulator
BL8503 BELLING-BL8503_16 Datasheet
533Kb / 13P
250mA CMOS Low Dropout Voltage Low consumption Regulator
logo
AiT Semiconductor Inc.
A6201A AITSEMI-A6201A Datasheet
377Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 250mA LOW CONSUMPTION LINEAR REGULATOR
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com