Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP02 Datasheet (PDF) - ON Semiconductor

NC7SP02 Datasheet PDF - ON Semiconductor
Part # NC7SP02
Download  NC7SP02 Download
File Size   158.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic ULP-A NOR Gate

NC7SP02 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SP02 Datasheet PDF - ON Semiconductor

Part # NC7SP02
Download  NC7SP02 Click to download

File Size   158.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic ULP-A NOR Gate

NC7SP02 Datasheet (HTML) - ON Semiconductor


NC7SP02 Product details

The NC7SP02 is a single 2−input NOR gate in tiny footprint
packages. The device is designed to operate for VCC = 0.9 V to 3.6 V.
Features
• Designed for 0.9 V to 3.6 V VCC Operation
• 2.3 ns tPD at 3.3 V (Typ)
• Inputs/Outputs Over−Voltage Tolerant up to 3.6 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 2.6 mA at 3.3 V
• Available in SC−88A and MicroPak™ Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - NC7SP02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP02 FAIRCHILD-NC7SP02 Datasheet
293Kb / 9P
TinyLogic ULP 2-Input NOR Gate
NC7SP02 FAIRCHILD-NC7SP02 Datasheet
295Kb / 9P
TinyLogic ULP 2-Input NOR Gate
logo
ON Semiconductor
NC7SP02 ONSEMI-NC7SP02 Datasheet
390Kb / 11P
TinyLogic ULP 2-Input NOR Gate
Revised March 2004
logo
Fairchild Semiconductor
NC7SP02L6X FAIRCHILD-NC7SP02L6X Datasheet
293Kb / 9P
TinyLogic ULP 2-Input NOR Gate
NC7SP02L6X FAIRCHILD-NC7SP02L6X Datasheet
295Kb / 9P
TinyLogic ULP 2-Input NOR Gate
More results


Similar Description - NC7SP02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP02 FAIRCHILD-NC7SP02 Datasheet
293Kb / 9P
TinyLogic ULP 2-Input NOR Gate
NC7SV02 FAIRCHILD-NC7SV02 Datasheet
305Kb / 9P
TinyLogic ULP-A 2-Input NOR Gate
NC7WP02 FAIRCHILD-NC7WP02 Datasheet
202Kb / 9P
TinyLogic ULP Dual 2-Input NOR Gate
NC7SP02 FAIRCHILD-NC7SP02_04 Datasheet
295Kb / 9P
TinyLogic ULP 2-Input NOR Gate
NC7SV02 FAIRCHILD-NC7SV02_04 Datasheet
295Kb / 9P
TinyLogic ULP-A 2-Input NOR Gate
NC7WP02 FAIRCHILD-NC7WP02_05 Datasheet
206Kb / 9P
TinyLogic ULP Dual 2-Input NOR Gate
logo
ON Semiconductor
NC7SP02 ONSEMI-NC7SP02 Datasheet
390Kb / 11P
TinyLogic ULP 2-Input NOR Gate
Revised March 2004
NC7SP08 ONSEMI-NC7SP08_V01 Datasheet
389Kb / 11P
TinyLogic ULP-A AND Gate
May, 2021 ??Rev. 2
NC7SP32 ONSEMI-NC7SP32_V01 Datasheet
298Kb / 9P
TinyLogic ULP-A OR Gate
February, 2021 ??Rev. 2
NC7SV02 ONSEMI-NC7SV02 Datasheet
213Kb / 9P
TinyLogic ULP-A 2-Input NOR Gate
October, 2021 ??Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com