Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7131 Datasheet (PDF) - AiT Semiconductor Inc.

A7131 Datasheet PDF - AiT Semiconductor Inc.
Part # A7131
Download  A7131 Download
File Size   672.69 Kbytes
Page   12 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER

A7131 Datasheet (PDF)

Go To PDF Page Download Datasheet
A7131 Datasheet PDF - AiT Semiconductor Inc.

Part # A7131
Download  A7131 Click to download

File Size   672.69 Kbytes
Page   12 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER

A7131 Datasheet (HTML) - AiT Semiconductor Inc.


A7131 Product details

DESCRIPTION
The A7131 is a high-efficiency, DC-to-DC step-down switching regulators, capable of delivering up to 3.0A of output current. The A7131 operates from an input voltage range of 2.5V to 5.5V and provides an output voltage from 0.6V to VIN-0.3V, making the device A7131 ideal for low voltage power conversions. Running at a fixed frequency of 1.5MHz allows the use of small external components, such as ceramic input and output caps, as well as small inductors, while still providing low output ripples. This low noise output along with its excellent efficiency achieved by the internal synchronous rectifier, making A7131 an ideal green replacement for large power consuming linear regulators. Internal soft-start control circuitry reduces inrush current. Short-circuit and thermal-overload protection improves design reliability. The A7131 is available in PSOP8 package.

FEATURES
 High Efficiency: Up to 95%
 Capable of Delivering 3.0A
 1.5MHz Switching Frequency
 No External Schottky Diode Needed
 Low dropout 100% Duty operation
 Internal Compensation and Soft-Start
 Current Mode control
 0.6V Reference for Low Output voltages
 Logic Control Shutdown (IQ<1uA)
 Over Voltage Protection
 Short Circuit Protection
 Thermal shutdown and UVLO
 Available in PSOP8 Package
APPLICATION
 Digital Cameras
 Set top boxes
 Wireless and DSL Modems
 USB supplied Devices in Notebooks
 Portable Devices




Similar Part No. - A7131

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A71308-4136N MOLEX2-A71308-4136N Datasheet
1Mb / 8P
2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, with 3.30mm (.130) PCB Locator Pegs
A71308-4136N MOLEX11-A71308-4136N Datasheet
35Kb / 2P
2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 36 Circuits, 0.38關m Gold (Au) Selective Plating, with 3.30mm PCB Locator Pegs
A713080004N MOLEX2-A713080004N Datasheet
1Mb / 8P
2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
A713080004N MOLEX11-A713080004N Datasheet
35Kb / 2P
2.54mm Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
A713080008N MOLEX2-A713080008N Datasheet
1Mb / 8P
2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 8 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
More results


Similar Description - A7131

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3410 BCDSEMI-AP3410 Datasheet
778Kb / 11P
1.5MHz Synchronous Step-down DC-DC Converter
AP3410B BCDSEMI-AP3410B Datasheet
545Kb / 12P
1.5MHz Synchronous Step-down DC-DC Converter
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
Rev 2
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev 2
logo
SHANGHAI BELLING CO., L...
BL9315 BELLING-BL9315 Datasheet
358Kb / 7P
5V 3.0A 1.5MHz Synchronous Buck Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441 Datasheet
958Kb / 15P
STEP-DOWN DC-DC BUCK CONVERTER
Rev 1
AP3445 DIODES-AP3445 Datasheet
853Kb / 13P
STEP-DOWN DC-DC BUCK CONVERTER
Rev 1
logo
AiT Semiconductor Inc.
A7112 AITSEMI-A7112 Datasheet
516Kb / 10P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.2A 1.5MHz 7V SYNCHRONOUS
REV2.3
A7116 AITSEMI-A7116 Datasheet
1,004Kb / 13P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 1.5MHz, 700mA SYNCHRONOUS WITH LOW QUIESCENT CURRENT
REV1.3
logo
Diodes Incorporated
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com