Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A7230 Datasheet (PDF) - AiT Semiconductor Inc.

A7230 Datasheet PDF - AiT Semiconductor Inc.
Part # A7230
Download  A7230 Download
File Size   1238.13 Kbytes
Page   17 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED

A7230 Datasheet (PDF)

Go To PDF Page Download Datasheet
A7230 Datasheet PDF - AiT Semiconductor Inc.

Part # A7230
Download  A7230 Click to download

File Size   1238.13 Kbytes
Page   17 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description DC-DC CONVERTER BUCK (STEP-DOWN) 3A, 18V SYNCHRONOUS RECTIFIED

A7230 Datasheet (HTML) - AiT Semiconductor Inc.


A7230 Product details

DESCRIPTION
The
A7230 is a monolithic synchronous buck
regulator. The device integrates 100mΩ MOSFETS
that provide 3A continuous load current over a wide
operating input voltage of 4.75V to 18V. Current mode
control provides fast transient response and cycle by
cycle current limit.
An adjustable soft
start prevents inrush current at
turn on. In shutdown mode, the supply current drops
below 1μA.
This device, available in
an SOP 8 package, provides
a very compact system solution with minimal reliance
on external components.
The
A723 0 is available in P SOP8 p ackage

FEATURES
 3A Output Current
 Wide 4.75V to 18V Operating Input Range
 Integrated 100mΩ Power MOSFET Switches
 Output Adjustable from 0.925V to 15V
 Up to 95% Efficiency
 Programmable Soft-Start
 Stable with Low ESR Ceramic Output Capacitors
 Fixed 370kHz Frequency
 Cycle-by-Cycle Over Current Protection
 Input Under Voltage Lockout
 Available in PSOP8 package

APPLICATION
 Distributed Power Systems
 Networking Systems
 FPGA, DSP, ASIC Power Supplies
 Green Electronics/ Appliances
 Notebook Computers




Similar Part No. - A7230

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A72301 UNITEDAUTOMATION-A72301 Datasheet
607Kb / 2P
Up to 3A, 110V, 230V Single Phase Fan Controller
14 November 2025
More results


Similar Description - A7230

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113 Datasheet
690Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103_14 Datasheet
732Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3292B E-CMOS-EC3292B Datasheet
413Kb / 14P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
logo
AiT Semiconductor Inc.
A7222B AITSEMI-A7222B Datasheet
687Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 1MHz 2A 18V SYNCHRONOUS
REV1.0
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com