Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0717665 Datasheet (PDF) - PHOENIX CONTACT

0717665 Datasheet PDF - PHOENIX CONTACT
Part # 0717665
Download  0717665 Download
File Size   470.02 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Panel feed-through terminal block - HDFK 95-F-VPGNYE

0717665 Datasheet (PDF)

Go To PDF Page Download Datasheet
0717665 Datasheet PDF - PHOENIX CONTACT

Part # 0717665
Download  0717665 Click to download

File Size   470.02 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Panel feed-through terminal block - HDFK 95-F-VPGNYE

0717665 Datasheet (HTML) - PHOENIX CONTACT


0717665 Product details

Panel feed-through terminal block, connection method: Screw connection with tension sleeve,
Cable lug connection, number of positions: 1, load current: 232 A, cross section: 35 mm2 - 95
mm2, connection direction of the conductor to plug-in direction: 0 °, width: 25 mm, color: greenyellow

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Tool-free snap-in principle enables easy mounting on the device panel
• Automatic panel thickness compensation enables universal use
• Reliable seal even with low-viscosity molding compounds




Similar Part No. - 0717665

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0717640004 MOLEX8-0717640004 Datasheet
132Kb / 5P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 4 Circuits, Tin (Sn) Plating
0717640006 MOLEX8-0717640006 Datasheet
132Kb / 5P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header
0717640008 MOLEX8-0717640008 Datasheet
131Kb / 5P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 8 Circuits, Tin (Sn) Plating
0717640010 MOLEX8-0717640010 Datasheet
132Kb / 5P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 10 Circuits, Tin (Sn) Plating
0717640012 MOLEX8-0717640012 Datasheet
132Kb / 5P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 12 Circuits, Tin (Sn) Plating
More results


Similar Description - 0717665

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0709534 PHOENIX-0709534 Datasheet
89Kb / 5P
Feed-through terminal block - HDFK 95
0709644 PHOENIX-0709644 Datasheet
78Kb / 5P
Panel feed-through terminal block - HDFK 95-F
0709673 PHOENIX-0709673 Datasheet
80Kb / 5P
Panel feed-through terminal block - HDFKV 95-F
0709916 PHOENIX-0709916 Datasheet
79Kb / 5P
Panel feed-through terminal block - HDFK 95-F-VP
0714037 PHOENIX-0714037 Datasheet
77Kb / 4P
Panel feed-through terminal block - HDFK 95-F/Z
0717076 PHOENIX-0717076 Datasheet
79Kb / 5P
Panel feed-through terminal block - HDFK 95-F-VP/Z
0717364 PHOENIX-0717364 Datasheet
84Kb / 5P
Panel feed-through terminal block - HDFK 95/Z
0717500 PHOENIX-0717500 Datasheet
43Kb / 2P
Panel feed-through terminal block - HDFK 95-F-VP TEILBE 2
0717584 PHOENIX-0717584 Datasheet
88Kb / 6P
Panel feed-through terminal block - HDFK 95 BU
0717979 PHOENIX-0717979 Datasheet
53Kb / 4P
Panel feed-through terminal block - HDFK 95-VP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com