Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1046620 Datasheet (PDF) - PHOENIX CONTACT

1046620 Datasheet PDF - PHOENIX CONTACT
Part # 1046620
Download  1046620 Download
File Size   517.32 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4X1,5-FE

1046620 Datasheet (PDF)

Go To PDF Page Download Datasheet
1046620 Datasheet PDF - PHOENIX CONTACT

Part # 1046620
Download  1046620 Click to download

File Size   517.32 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4X1,5-FE

1046620 Datasheet (HTML) - PHOENIX CONTACT


1046620 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 17.5 A, connection method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2,
mounting type: for snapping onto a DIN rail adapter, Direct mounting with flange, Free-hanging,
color: black/yellow

Your advantages
• Convenient test options, thanks to test openings at every terminal point
• Space-saving potential distribution, thanks to compact micro potential distributors
• Flexible use, thanks to direct mounting with flange covers from accessories
• Space-saving, thanks to the compact design
• Clear arrangement thanks to marking of all terminal points




Similar Part No. - 1046620

ManufacturerPart #DatasheetDescription
logo
SICK AG
1046625 SICK-1046625 Datasheet
1Mb / 8P
MEASURING AUTOMATION LIGHT GRIDS
2016-01-29
logo
Honeywell Solid State E...
104662B HONEYWELL-104662B Datasheet
53Kb / 2P
LEAD SULFIDE CELL
Rev. 6-89
104662D HONEYWELL-104662D Datasheet
53Kb / 2P
LEAD SULFIDE CELL
Rev. 6-89
More results


Similar Description - 1046620

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1046608 PHOENIX-1046608 Datasheet
495Kb / 22P
Distribution block - PTFIX 4X1,5 GY
Jun 2, 2022
1046616 PHOENIX-1046616 Datasheet
494Kb / 22P
Distribution block - PTFIX 4X1,5 BK
Jun 2, 2022
1046610 PHOENIX-1046610 Datasheet
496Kb / 22P
Distribution block - PTFIX 4X1,5 BU
Jun 3, 2022
1046611 PHOENIX-1046611 Datasheet
496Kb / 22P
Distribution block - PTFIX 4X1,5 RD
Jun 3, 2022
1046615 PHOENIX-1046615 Datasheet
494Kb / 22P
Distribution block - PTFIX 4X1,5 WH
Jun 3, 2022
1046612 PHOENIX-1046612 Datasheet
498Kb / 22P
Distribution block - PTFIX 4X1,5 YE
Jun 15, 2022
1046613 PHOENIX-1046613 Datasheet
496Kb / 22P
Distribution block - PTFIX 4X1,5 GN
Jun 13, 2022
1046617 PHOENIX-1046617 Datasheet
495Kb / 22P
Distribution block - PTFIX 4X1,5 VT
Jun 15, 2022
1046618 PHOENIX-1046618 Datasheet
496Kb / 22P
Distribution block - PTFIX 4X1,5 PK
Jun 24, 2022
1046619 PHOENIX-1046619 Datasheet
497Kb / 22P
Distribution block - PTFIX 4X1,5 OG
Jun 24, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com