Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1046985 Datasheet (PDF) - PHOENIX CONTACT

1046985 Datasheet PDF - PHOENIX CONTACT
Part # 1046985
Download  1046985 Download
File Size   432.3 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4/12X1,5-NS15A GY

1046985 Datasheet (PDF)

Go To PDF Page Download Datasheet
1046985 Datasheet PDF - PHOENIX CONTACT

Part # 1046985
Download  1046985 Click to download

File Size   432.3 Kbytes
Page   20 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 4/12X1,5-NS15A GY

1046985 Datasheet (HTML) - PHOENIX CONTACT


1046985 Product details

Distribution block, nominal current: 41 A, connection method: Push-in connection, Line contact,
Rated cross section: 4 mm2, cross section: 0.2 mm2 - 6 mm2, Load contact, cross section: 0.14
mm2 - 2.5 mm2, mounting type: NS 15, color: gray




Similar Part No. - 1046985

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1046980 PHOENIX-1046980 Datasheet
429Kb / 19P
Distribution block - PTFIX 4/12X1,5-G WH
Jul 21, 2022
1046983 PHOENIX-1046983 Datasheet
430Kb / 19P
Distribution block - PTFIX 4/12X1,5-G PK
Nov 30, 2022
1046984 PHOENIX-1046984 Datasheet
444Kb / 19P
Distribution block - PTFIX 4/12X1,5-G-FE
Nov 30, 2022
1046986 PHOENIX-1046986 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/12X1,5-NS15A BU
Jul 20, 2022
1046987 PHOENIX-1046987 Datasheet
136Kb / 11P
Distribution block - PTFIX 4/12X1,5-NS15A RD
09/12/2020
More results


Similar Description - 1046985

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1046961 PHOENIX-1046961 Datasheet
145Kb / 11P
Distribution block - PTFIX 4/12X1,5 GY
09/12/2020
1046987 PHOENIX-1046987 Datasheet
136Kb / 11P
Distribution block - PTFIX 4/12X1,5-NS15A RD
09/12/2020
1046989 PHOENIX-1046989 Datasheet
135Kb / 11P
Distribution block - PTFIX 4/12X1,5-NS15A GN
09/12/2020
3002914 PHOENIX-3002914 Datasheet
437Kb / 20P
Distribution block - PTFIX 12X1,5-NS15A GY
Jun 7, 2022
1046992 PHOENIX-1046992 Datasheet
434Kb / 21P
Distribution block - PTFIX 4/12X1,5-NS15A WH
Jul 6, 2022
1046986 PHOENIX-1046986 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/12X1,5-NS15A BU
Jul 20, 2022
1046990 PHOENIX-1046990 Datasheet
434Kb / 20P
Distribution block - PTFIX 4/12X1,5-NS15A YE
Jul 21, 2022
1046991 PHOENIX-1046991 Datasheet
432Kb / 20P
Distribution block - PTFIX 4/12X1,5-NS15A BK
Jul 21, 2022
1046996 PHOENIX-1046996 Datasheet
441Kb / 20P
Distribution block - PTFIX 4/12X1,5-NS15A-FE
Jul 21, 2022
1046993 PHOENIX-1046993 Datasheet
433Kb / 20P
Distribution block - PTFIX 4/12X1,5-NS15A VT
Nov 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com