Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBUS051BD-HD1 Datasheet (PDF) - Vishay Siliconix

VBUS051BD-HD1 Datasheet PDF - Vishay Siliconix
Part # VBUS051BD-HD1
Download  VBUS051BD-HD1 Download
File Size   154.69 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance, Single-Line ESD Protection Diode

VBUS051BD-HD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
VBUS051BD-HD1 Datasheet PDF - Vishay Siliconix

Part # VBUS051BD-HD1
Download  VBUS051BD-HD1 Click to download

File Size   154.69 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Low Capacitance, Single-Line ESD Protection Diode

VBUS051BD-HD1 Datasheet (HTML) - Vishay Siliconix


VBUS051BD-HD1 Product details

FEATURES
• Ultra compact LLP1006-2L package
• Low package profile < 0.4 mm
• 1-line ESD protection
• High surge current acc. IEC 61000-4-5
IPPM > 3 A
• Low leakage current IR < 0.1 μA
• Low load capacitance CD = 0.9 pF
• ESD immunity acc. IEC 61000-4-2
± 15 kV contact discharge
± 15 kV air discharge
• Soldering can be checked by standard vision inspection;
no X-ray necessary
• Pin plating NiPdAu (e4) no whisker growth
• e4 - precious metal (e.g. Ag, Au, NiPd, NiPdAu) (no Sn)
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VBUS051BD-HD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1 Datasheet
146Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
16-Apr-08
VBUS051BD-HD1-GS08 VISHAY-VBUS051BD-HD1-GS08 Datasheet
141Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
23-May-12
More results


Similar Description - VBUS051BD-HD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1 Datasheet
534Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode
13-Jul-10
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1 Datasheet
146Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
16-Apr-08
VBUS051BD-HD1-GS08 VISHAY-VBUS051BD-HD1-GS08 Datasheet
141Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
23-May-12
logo
Union Semiconductor, In...
UESD6V8L1F UNIONSEMI-UESD6V8L1F Datasheet
217Kb / 7P
Low Capacitance Single Line ESD Protection Diode Array
logo
Bruckewell Technology L...
ESDFN2105VLL BWTECH-ESDFN2105VLL Datasheet
542Kb / 5P
Single Line ESD Protection Diode with Low Capacitance
logo
Vishay Siliconix
VLIN2626-02G VISHAY-VLIN2626-02G Datasheet
101Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode in SOD-323
23-Feb-16
VBUS052BD-HTF VISHAY-VBUS052BD-HTF Datasheet
146Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
03-May-17
VLIN1616-02G VISHAY-VLIN1616-02G Datasheet
113Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
19-Jul-17
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1_V01 Datasheet
117Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
VBUS052BD-HTF VISHAY-VBUS052BD-HTF_V01 Datasheet
152Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
04-Jan-2018
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com