Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBUS053CZ-HAF Datasheet (PDF) - Vishay Siliconix

VBUS053CZ-HAF Datasheet PDF - Vishay Siliconix
Part # VBUS053CZ-HAF_V01
Download  VBUS053CZ-HAF Download
File Size   176.2 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description USB-OTG BUS-Port ESD Protection for VBUS = 28 V

VBUS053CZ-HAF Datasheet (PDF)

Go To PDF Page Download Datasheet
VBUS053CZ-HAF Datasheet PDF - Vishay Siliconix

Part # VBUS053CZ-HAF_V01
Download  VBUS053CZ-HAF Click to download

File Size   176.2 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description USB-OTG BUS-Port ESD Protection for VBUS = 28 V

VBUS053CZ-HAF Datasheet (HTML) - Vishay Siliconix


VBUS053CZ-HAF Product details

FEATURES
• Ultra compact LLP75-7L package
• Low package height < 0.6 mm
• 3-line USB ESD protection with max. working
range = 5.5 V
• VBUS-protection with 28 V working range
• Low leakage current
• Low load capacitance CD = 0.7 pF
• ESD immunity to IEC 61000-4-2
± 15 kV contact discharge
± 15 kV air discharge
• Surge current acc. IEC 61000-4-5 IPP > 3 A
• e4 - precious metal (e.g. Ag, Au, NiPd, NiPdAu) (no Sn)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VBUS053CZ-HAF_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS053CZ-HAF-G-08 VISHAY-VBUS053CZ-HAF-G-08 Datasheet
163Kb / 6P
USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
23-May-11
More results


Similar Description - VBUS053CZ-HAF_V01

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
Vishay Siliconix
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF Datasheet
84Kb / 6P
USB-OTG BUS-Port ESD-Protection for VBUS = 12 V
16-Dec-10
VBUS053CZ-HAF VISHAY-VBUS053CZ-HAF Datasheet
163Kb / 6P
USB-OTG BUS-Port ESD-Protection for VBUS = 28 V
23-May-11
logo
Texas Instruments
TPD4S214 TI-TPD4S214 Datasheet
1Mb / 21P
USB OTG Companion Device with VBUS Over Voltage, Over Current Protection, and Four Channel ESD Clamps
logo
ON Semiconductor
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
logo
Texas Instruments
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Vishay Siliconix
VBUS053A-HAF VISHAY-VBUS053A-HAF Datasheet
119Kb / 7P
USB-OTG BUS-Port ESD Protection for VBUS = 12 V
07-Jan-2019
VBUS053C-HAF VISHAY-VBUS053C-HAF Datasheet
175Kb / 7P
USB-OTG BUS-Port ESD Protection for VBUS = 28 V
08-Jan-2019
VBUS053AZ-HAF VISHAY-VBUS053AZ-HAF_V01 Datasheet
120Kb / 7P
USB-OTG BUS-Port ESD Protection for VBUS = 12 V
07-Jan-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com