Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH8115 Datasheet (PDF) - AiT Semiconductor Inc.

AH8115 Datasheet PDF - AiT Semiconductor Inc.
Part # AH8115
Download  AH8115 Download
File Size   535.08 Kbytes
Page   7 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description HALL SWITCH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH

AH8115 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH8115 Datasheet PDF - AiT Semiconductor Inc.

Part # AH8115
Download  AH8115 Click to download

File Size   535.08 Kbytes
Page   7 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description HALL SWITCH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH

AH8115 Datasheet (HTML) - AiT Semiconductor Inc.


AH8115 Product details

DESCRIPTION
The AH8115 is an integrated hall-effect sensor designed specifically to meet the requirements of low-power devices. e.g. as an On/Off switch in cellular flip-phones, with battery operating voltages of 2.0V-5.5V.
Precise magnetic switching points and high temperature stability are achieved through the unique design of the internal circuit. An onboard clock scheme is used to reduce the average operating current of the IC. During the operate phase the IC compares the actual magnetic field detected with the internally compensated switching points. The output
Voltage is switched at the end of each operating phase. During the Stand-by phase the output stage is latched and the current consumption of the device reduced to some μA.
The IC switching behavior is omnipolar, it can be switched on with either the north or south pole of a magnet.
AH8115 is higher sensitivity of magnetic induction than AH8113, it can be used in security systems、sensing magnet smaller occasions.
The AH8115 is available in TSOT-23 package.

FEATURES
 Micro power design
 2.0V to 5.5V battery operatio n
 High sensitivity and high stability of the
magnetic switching points
 High resistance to mechanical stress
 Digital output signal
 Switching for both poles of a magnet
(omnipolar)
 Not suitable for automotive application
 Operating temperature range
 T M IN ≤ T A ≤ T MAX 40°C ≤ T A ≤ 85°C
 Operating voltage range 2.0V ≤ V DD ≤ 6.0V
 Available in TSOT-23 p ackage

APPLICATION
 Mobile phones
 Notebook
 Portable electronic devices




Similar Part No. - AH8115

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
AH8112 HIGHLY-AH8112 Datasheet
1Mb / 4P
LIMIT SWITCH
logo
AiT Semiconductor Inc.
AH8113 AITSEMI-AH8113 Datasheet
465Kb / 9P
HALL SWITH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.5
AH8113TE3R AITSEMI-AH8113TE3R Datasheet
465Kb / 9P
HALL SWITH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.5
AH8113TE3VR AITSEMI-AH8113TE3VR Datasheet
465Kb / 9P
HALL SWITH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.5
More results


Similar Description - AH8115

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS248 SECELECTRONICS-SS248 Datasheet
225Kb / 11P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3212 SECELECTRONICS-SS3212 Datasheet
202Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS40A SECELECTRONICS-SS40A Datasheet
200Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249 SECELECTRONICS-SS249 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS239_1311 SECELECTRONICS-SS239_1311 Datasheet
249Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS247 SECELECTRONICS-SS247 Datasheet
178Kb / 8P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS249_1311 SECELECTRONICS-SS249_1311 Datasheet
233Kb / 7P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS648 SECELECTRONICS-SS648 Datasheet
334Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
SS3413 SECELECTRONICS-SS3413 Datasheet
293Kb / 10P
CMOS Omnipolar High Sensitivity Micropower Hall Switch
logo
AiT Semiconductor Inc.
AH8113 AITSEMI-AH8113 Datasheet
465Kb / 9P
HALL SWITH LOW POWER, HIGH SENSITIVITY, CMOS HALL SWITCH
REV1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com