Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL4G08 Datasheet (PDF) - AiT Semiconductor Inc.

AL4G08 Datasheet PDF - AiT Semiconductor Inc.
Part # AL4G08
Download  AL4G08 Download
File Size   667.51 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOGIC QUADRUPLE 2-INPUT POSITIVE-AND GATE

AL4G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
AL4G08 Datasheet PDF - AiT Semiconductor Inc.

Part # AL4G08
Download  AL4G08 Click to download

File Size   667.51 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description LOGIC QUADRUPLE 2-INPUT POSITIVE-AND GATE

AL4G08 Datasheet (HTML) - AiT Semiconductor Inc.


AL4G08 Product details

DESCRIPTION
The AL4G08 quadruple 2-input positive-AND gate is designed for 1.65V to 5.5V VCC operation.
The AL4G08 device performs the Boolean function Y=A • B or Y=A̅+B̅ in positive logic. The device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down.
It operates over an ambient temperature range of -40°C to +125°C.
The AL4G08 is available in SOP14 and TSSOP14 packages.

FEATURES
 Operating Voltage Range:1.65V to 5.5V
 Low Power Consumption:1μA (Max)
 Operating Temperature Range:
-
40°C to +125°C
 Inputs Accept Voltage to 5.5V
 High Output Drive: ±24mA at V CC =3.0V
 Available in SOP14 and TSSOP14 p ackage s

APPLICATION
 ATCA Solutions
 Active Noise Cancellation (ANC)
 Barcode Scanner
 Blood Pressure Monitor
 CPAP Machine
 Cable Solutions
 DLP 3D Machin Vision, Hyperspectral Imaging,
Optical N etworking, and Spectroscopy
 E books, Embedded PC
 Field Transmitter: Temperature or Pressure
Sensor
 Fingerprint Biometrics
 HVAC: Heating, Ventilating, Ai r Conditioning
 TB: High Definition (HDTV), LCD, and Digital
 Video Communication System
 Wireless Data Access Card, Headset,
Ke yboard, Mouse and LAN Card
 X ray: Baggage Scanner, Medical, and Dental
 CPAP Machine
 Fingerprint identification
 IP Phone: Wired and Wireless
 Network attached storage (NAS)
 Private Branch Exchange (PBX)




Similar Part No. - AL4G08

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
AL4 RICHCO-AL4 Datasheet
52Kb / 1P
CABLE CLAMPS, ALUMINUM
01-18-95
logo
Optronics International
AL421PG OPTRONICS-AL421PG Datasheet
160Kb / 2P
Wiring/Molded Plugs for Sealed Marker/Clearance & Utility Lights
logo
List of Unclassifed Man...
AL422 ETC1-AL422 Datasheet
254Kb / 20P
AL422 3M-Bits FIFO Field Memory
AL422B ETC1-AL422B Datasheet
254Kb / 20P
AL422 3M-Bits FIFO Field Memory
logo
AverLogic Technologies ...
AL422B AVERLOGIC-AL422B Datasheet
30Kb / 2P
3M-Bit Frame Buffer
More results


Similar Description - AL4G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11008 TI-74AC11008 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
REVISED APRIL 1996
74ACT11008 TI-74ACT11008 Datasheet
77Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08 Datasheet
575Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LVC08A-Q1 TI-SN74LVC08A-Q1 Datasheet
198Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74ALVC08 TI-SN74ALVC08_07 Datasheet
727Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74AUC08 TI-SN74AUC08_07 Datasheet
552Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74LV08A-EP TI1-SN74LV08A-EP Datasheet
414Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
SN74AHCT08-EP TI1-SN74AHCT08-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
74AC11008DRG4 TI1-74AC11008DRG4 Datasheet
644Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
logo
Unisonic Technologies
U74AHCT08 UTC-U74AHCT08_15 Datasheet
195Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-AND GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com