Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1013 Datasheet (PDF) - AiT Semiconductor Inc.

AM1013 Datasheet PDF - AiT Semiconductor Inc.
Part # AM1013
Download  AM1013 Download
File Size   679.34 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET 20V P-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM1013 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM1013 Datasheet PDF - AiT Semiconductor Inc.

Part # AM1013
Download  AM1013 Click to download

File Size   679.34 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET 20V P-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM1013 Datasheet (HTML) - AiT Semiconductor Inc.


AM1013 Product details

DESCRIPTION
VDS= 20V
VGS= 6V
ID(A)= 350mA
RDS(ON) =0.8Ω@VGS = -4.5V
RDS(ON) =1.2Ω@VGS = -2.5V
RDS(ON) =1.8Ω@VGS = -1.8V
The AM
1013 is available in SC-89 p ackage

FEATURES
 Gate-Source ESD Protected: 2kV
 High-Side Switching
 Low On-Resistance: 1.2Ω
 Low Threshold: 0.8V (typ)
 Fast Switching Speed: 14ns
 Ease in Driving Switches
 Low Offset (Error) Voltage
 Low-Voltage Operation
 High-Speed Circuits
 Low Battery Voltage Operation
 Available in SC-89 package

APPLICATION
 Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories
 Battery Operated Systems
 Power Supply Converter Circuits
 Load/Power Switching Cell Phones, Pagers




Similar Part No. - AM1013

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AM101 PANJIT-AM101 Datasheet
42Kb / 2P
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
logo
Transys Electronics
AM101 TRSYS-AM101 Datasheet
116Kb / 2P
1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM101 COMCHIP-AM101 Datasheet
46Kb / 2P
Silicon Miniature Single-Phase Bridge
logo
Seoul Semiconductor
AM101-DP SEOUL-AM101-DP Datasheet
576Kb / 13P
Surface-mounted chip LED device
logo
Comchip Technology
AM101-G COMCHIP-AM101-G Datasheet
54Kb / 2P
Silicon Miniature Single-Phase Bridge
More results


Similar Description - AM1013

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
logo
AiT Semiconductor Inc.
AM3415B AITSEMI-AM3415B Datasheet
629Kb / 6P
MOSFET -20V P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com