Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2303 Datasheet (PDF) - AiT Semiconductor Inc.

AM2303 Datasheet PDF - AiT Semiconductor Inc.
Part # AM2303
Download  AM2303 Download
File Size   623.89 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET -30V P-CHANNEL ENHANCEMENT MODE

AM2303 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2303 Datasheet PDF - AiT Semiconductor Inc.

Part # AM2303
Download  AM2303 Click to download

File Size   623.89 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET -30V P-CHANNEL ENHANCEMENT MODE

AM2303 Datasheet (HTML) - AiT Semiconductor Inc.


AM2303 Product details

DESCRIPTION
The AM2303 is the P-Channel logic enhancement mode power field effect transistor is produced using high cell density. advanced trench technology to provide excellent RDS(ON) low gate charge and operation gate as 2.5V.
This device is suitable for use as a load switch or
other general applications.
The AM2303 is available in SOT 23 package

FEATURES
 4.3A, R DS(ON) 50 mΩ(typ.)@V GS 10V
 3.5A, R DS(ON) 58 mΩ(typ.)@V GS 4.5V
 2.5A, R DS(ON) 73 mΩ(typ.)@V GS 2.5V
 Super high density cell design for extremely low
R
DS(ON)
 Exceptional on resistance and Maximum DC
current capability
 Available in SOT 23 p ackage

APPLICATIONS
 High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
 DC/DC Converter
 Load Switch




Similar Part No. - AM2303

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2303P ANALOGPOWER-AM2303P Datasheet
252Kb / 5P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - AM2303

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com