Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2319 Datasheet (PDF) - AiT Semiconductor Inc.

AM2319 Datasheet PDF - AiT Semiconductor Inc.
Part # AM2319
Download  AM2319 Download
File Size   533.4 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET P-CHANNEL ENHANCEMENT MODE MOSFET

AM2319 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2319 Datasheet PDF - AiT Semiconductor Inc.

Part # AM2319
Download  AM2319 Click to download

File Size   533.4 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET P-CHANNEL ENHANCEMENT MODE MOSFET

AM2319 Datasheet (HTML) - AiT Semiconductor Inc.


AM2319 Product details

DESCRIPTION
AM2319 is available in a SOT-23S package.

FEATURES
 -40V/-3A,
RDS(ON)= 80mΩ(max.) @ VGS= -10V
RDS(ON)= 120mΩ(max.) @ VGS= -4.5V
 Reliable and Rugged
 Lead Free and Green Devices Available
(RoHS Compliant)
 Available in a SOT-23S package.

APPLICATION
 Load Switch.
 DC/DC Converter.




Similar Part No. - AM2319

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM2319A AITSEMI-AM2319A Datasheet
597Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0 - OCT 2021
logo
Analog Power
AM2319P ANALOGPOWER-AM2319P Datasheet
292Kb / 6P
P - Channel Logic Level MOSFET
logo
VBsemi Electronics Co.,...
AM2319P-T1-PF VBSEMI-AM2319P-T1-PF Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
More results


Similar Description - AM2319

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
AiT Semiconductor Inc.
AM2319A AITSEMI-AM2319A Datasheet
597Kb / 8P
MOSFET P-CHANNEL ENHANCEMENT MODE MOSFET
REV1.0 - OCT 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com