Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3401B Datasheet (PDF) - AiT Semiconductor Inc.

AM3401B Datasheet PDF - AiT Semiconductor Inc.
Part # AM3401B
Download  AM3401B Download
File Size   533.08 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET -30V P-CHANNEL ENHANCEMENT MODE

AM3401B Datasheet (PDF)

Go To PDF Page Download Datasheet
AM3401B Datasheet PDF - AiT Semiconductor Inc.

Part # AM3401B
Download  AM3401B Click to download

File Size   533.08 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET -30V P-CHANNEL ENHANCEMENT MODE

AM3401B Datasheet (HTML) - AiT Semiconductor Inc.


AM3401B Product details

DESCRIPTION
VDS= -30V
VGS= ±12V
ID(A)= -4.2A
RDS(ON) = 55mΩ(MAX) @VGS = -10V.
RDS(ON) = 70mΩ(MAX) @VGS = -4.5V.
RDS(ON) =120mΩ(MAX) @VGS = -2.5V.
The AM3401B is available in SOT-23 package.

FEATURES
⚫ Super High dense cell design for extremely low
R DS(ON)
⚫ Reliable and Rugged
⚫ Available in SOT-23 p ackage

APPLICATION
⚫ Power Ma nagement
⚫ Portable Equipment and Battery Powered
Systems




Similar Part No. - AM3401B

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3401 AITSEMI-AM3401 Datasheet
791Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
logo
AXElite technology co. ...
AM3401 AXELITE-AM3401 Datasheet
643Kb / 7P
P-Ch 30V Fast Switching MOSFETs
Rev.1.6 Aug.30, 2019
logo
AiT Semiconductor Inc.
AM3401E3R AITSEMI-AM3401E3R Datasheet
791Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
logo
VBsemi Electronics Co.,...
AM3401E3VR VBSEMI-AM3401E3VR Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM3401E3VR AITSEMI-AM3401E3VR Datasheet
791Kb / 9P
MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results


Similar Description - AM3401B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
30V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2007
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
30V P-Channel ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP3068L DIODES-DMP3068L_15 Datasheet
348Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
30V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
-30V PP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com