Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3406 Datasheet (PDF) - AiT Semiconductor Inc.

AM3406 Datasheet PDF - AiT Semiconductor Inc.
Part # AM3406
Download  AM3406 Download
File Size   893.74 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET 30V N-CHANNEL ENHANCEMENT MODE

AM3406 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM3406 Datasheet PDF - AiT Semiconductor Inc.

Part # AM3406
Download  AM3406 Click to download

File Size   893.74 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET 30V N-CHANNEL ENHANCEMENT MODE

AM3406 Datasheet (HTML) - AiT Semiconductor Inc.


AM3406 Product details

DESCRIPTION
AM3406 is the N-Channel enhancement mode power field effect transistors are using trench DMOS technology. This advanced trench technology devices are well suited for high efficiency fast switching applications, low in-line power loss are needed in small outline surface mount package.
The AM3406 is available in SOT 23 Package.

FEATURES
 VDS = 30V, ID = 6.7A
RDS(ON)=18mΩ(Typ.)@VGS=10V
RDS(ON)=23mΩ(Typ.)@VGS=4.5V
 Fast switch
 Low gate drive applications
 High power and current handling capability
 Available in SOT 23 Package

APPLICATIONS
 Power Management in Note book
 Portable Equipment
 DC/DC Converter




Similar Part No. - AM3406

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3406A AITSEMI-AM3406A Datasheet
470Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT-MODE
REV1.0
AM3406AE3SR AITSEMI-AM3406AE3SR Datasheet
470Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT-MODE
REV1.0
AM3406AE3SVR AITSEMI-AM3406AE3SVR Datasheet
470Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT-MODE
REV1.0
logo
Analog Power
AM3406N ANALOGPOWER-AM3406N Datasheet
143Kb / 2P
N-Channel 30V (D-S) MOSFET
More results


Similar Description - AM3406

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com