Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

855395 Datasheet (PDF) - TriQuint Semiconductor

855395 Datasheet PDF - TriQuint Semiconductor
Part # 855395
Download  855395 Download
File Size   586.17 Kbytes
Page   5 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 141 MHz SAW Filter

855395 Datasheet (PDF)

Go To PDF Page Download Datasheet
855395 Datasheet PDF - TriQuint Semiconductor

Part # 855395
Download  855395 Click to download

File Size   586.17 Kbytes
Page   5 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 141 MHz SAW Filter

855395 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - 855395

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855395 TRIQUINT-855395_15 Datasheet
587Kb / 5P
141 MHz SAW Filter
More results


Similar Description - 855395

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0141CD03092S ICST-SF0141CD03092S Datasheet
179Kb / 2P
141 MHz Filter 1.25 MHz Bandwidth
Rev X3
SF0141CD11968S ICST-SF0141CD11968S Datasheet
180Kb / 2P
141 MHz Filter 1.05 MHz Bandwidth
Rev 1.1
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
SF0141CD11968S APITECH-SF0141CD11968S Datasheet
99Kb / 2P
141 MHz SAW Filter 1.05 MHz Bandwidth
SF0141CD03092S APITECH-SF0141CD03092S Datasheet
157Kb / 3P
141 MHz SAW Filter 1.25 MHz Bandwidth
logo
TriQuint Semiconductor
855395 TRIQUINT-855395_15 Datasheet
587Kb / 5P
141 MHz SAW Filter
logo
KR Electronics, Inc.
3215-SMA KR-3215-SMA Datasheet
99Kb / 3P
141 MHz Bandpass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com