Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3416 Datasheet (PDF) - AiT Semiconductor Inc.

AM3416 Datasheet PDF - AiT Semiconductor Inc.
Part # AM3416
Download  AM3416 Download
File Size   480.62 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET 20V N-CHANNEL ENHANCEMENT MODE MOSFET

AM3416 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM3416 Datasheet PDF - AiT Semiconductor Inc.

Part # AM3416
Download  AM3416 Click to download

File Size   480.62 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description MOSFET 20V N-CHANNEL ENHANCEMENT MODE MOSFET

AM3416 Datasheet (HTML) - AiT Semiconductor Inc.


AM3416 Product details

DESCRIPTION
VDS=20V
V
GS 12 V
ID(A)=
6 A
RDS(ON)=26mΩ(Max.) @VGS=4.5V
RDS(ON)=37mΩ(Max.) @VGS=2.5V
AM3416 is available in a SOT 23 package.

FEATURES
⚫ ESD Protected
⚫ Reliable and Rugged
⚫ Available in a SOT 23 package.

APPLICATION
⚫ Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems.




Similar Part No. - AM3416

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3416N ANALOGPOWER-AM3416N Datasheet
354Kb / 5P
N-Channel 150-V (D-S) MOSFET
More results


Similar Description - AM3416

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
20V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM62N02E6 DIODES-ZXM62N02E6 Datasheet
192Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
FEBRUARY 2006
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
20V N-CHANNEL ENHANCEMENT MODE MOSFET
SEPTEMBER 2005
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
20V N-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com