Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP125 Datasheet (PDF) - ON Semiconductor

NC7SP125 Datasheet PDF - ON Semiconductor
Part # NC7SP125
Download  NC7SP125 Download
File Size   308.73 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic ULP-A Buffer with Three-State Output

NC7SP125 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SP125 Datasheet PDF - ON Semiconductor

Part # NC7SP125
Download  NC7SP125 Click to download

File Size   308.73 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic ULP-A Buffer with Three-State Output

NC7SP125 Datasheet (HTML) - ON Semiconductor


NC7SP125 Product details

The NC7SP125 is a single non−inverting 3−state buffer in tiny
footprint packages. The device is designed to operate for VCC= 0.9 V to 3.6 V.

Features
• Designed for 0.9 V to 3.6 V VCC Operation
• 3.0 ns tPD at 3.3 V (Typ)
• Inputs/Outputs Over−Voltage Tolerant up to 3.6 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 2.6 mA at 3.3 V
• Available in SC−88A and MicroPak™ Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NC7SP125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP125 FAIRCHILD-NC7SP125 Datasheet
293Kb / 10P
TinyLogic ULP Buffer with 3-STATE Output
NC7SP125 FAIRCHILD-NC7SP125 Datasheet
295Kb / 10P
TinyLogic ULP Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP125 ONSEMI-NC7SP125 Datasheet
389Kb / 12P
TinyLogic ULP Buffer with 3-STATE Output
Revised March 2004
logo
Fairchild Semiconductor
NC7SP125L6X FAIRCHILD-NC7SP125L6X Datasheet
293Kb / 10P
TinyLogic ULP Buffer with 3-STATE Output
NC7SP125L6X FAIRCHILD-NC7SP125L6X Datasheet
295Kb / 10P
TinyLogic ULP Buffer with 3-STATE Output
More results


Similar Description - NC7SP125

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SV125 FAIRCHILD-NC7SV125 Datasheet
290Kb / 9P
TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV126 FAIRCHILD-NC7SV126 Datasheet
303Kb / 9P
TinyLogic ULP-A Buffer with 3-STATE Output
NC7WV125 FAIRCHILD-NC7WV125 Datasheet
204Kb / 9P
TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV125 FAIRCHILD-NC7SV125_04 Datasheet
312Kb / 9P
TinyLogic ULP-A Buffer with 3-STATE Output
NC7SV126 FAIRCHILD-NC7SV126_04 Datasheet
293Kb / 9P
TinyLogic ULP-A Buffer with 3-STATE Output
logo
ON Semiconductor
NC7SP126 ONSEMI-NC7SP126 Datasheet
619Kb / 14P
TinyLogic ULP Buffer with Three-State Output
December 2010 Rev. 1.0.4
NC7SV126 ONSEMI-NC7SV126 Datasheet
592Kb / 13P
TinyLogic ULP-A Buffer with Three-State Output
June 2014 Rev. 1.0.3
NC7SP126 ONSEMI-NC7SP126_V01 Datasheet
224Kb / 11P
TinyLogic ULP-A Buffer with Three-State Output
May, 2022 ??Rev. 4
NC7SV125 ONSEMI-NC7SV125_V01 Datasheet
301Kb / 10P
TinyLogic ULP-A Buffer with Three-State Output
February, 2021 ??Rev. 2
NC7SV126 ONSEMI-NC7SV126_V01 Datasheet
243Kb / 10P
TinyLogic ULP-A Buffer with Three-State Output
February, 2021 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com