Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP38 Datasheet (PDF) - ON Semiconductor

NC7SP38 Datasheet PDF - ON Semiconductor
Part # NC7SP38_V01
Download  NC7SP38 Download
File Size   295.3 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic ULP-A NAND Gate (Open-Drain Output)

NC7SP38 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SP38 Datasheet PDF - ON Semiconductor

Part # NC7SP38_V01
Download  NC7SP38 Click to download

File Size   295.3 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic ULP-A NAND Gate (Open-Drain Output)

NC7SP38 Datasheet (HTML) - ON Semiconductor


NC7SP38 Product details

The NC7SP38 is a single 2−input NAND gate with open−drain output
in tiny footprint packages. The device is designed to operate for
VCC = 0.9 V to 3.6 V.

Features
• Designed for 0.9 V to 3.6 V VCC Operation
• 2.9 ns tPD at 3.3 V (Typ)
• Inputs/Outputs Over−Voltage Tolerant up to 3.6 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 2.6 mA at 3.3 V
• Available in SC−88A and MicroPak™ Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NC7SP38_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP38L6X FAIRCHILD-NC7SP38L6X Datasheet
291Kb / 8P
TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SP38L6X FAIRCHILD-NC7SP38L6X Datasheet
294Kb / 8P
TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
logo
ON Semiconductor
NC7SP38L6X ONSEMI-NC7SP38L6X Datasheet
299Kb / 13P
TinyLogic ULP 2-Input NAND Gate
Sep 2008 Rev. 1.0.0
logo
Fairchild Semiconductor
NC7SP38P5X FAIRCHILD-NC7SP38P5X Datasheet
291Kb / 8P
TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SP38P5X FAIRCHILD-NC7SP38P5X Datasheet
294Kb / 8P
TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
More results


Similar Description - NC7SP38_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP05 FAIRCHILD-NC7SP05 Datasheet
285Kb / 9P
TinyLogic ULP Inverter (Open Drain Output)
NC7SP38 FAIRCHILD-NC7SP38 Datasheet
291Kb / 8P
TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SV05 FAIRCHILD-NC7SV05 Datasheet
297Kb / 8P
TinyLogic ULP-A Inverter (Open Drain Output)
NC7SV38 FAIRCHILD-NC7SV38 Datasheet
305Kb / 8P
TinyLogic. ULP-A 2-Input NAND Gate (Open Drain Output)
NC7SP05 FAIRCHILD-NC7SP05_04 Datasheet
288Kb / 9P
TinyLogic ULP Inverter (Open Drain Output)
NC7SP38 FAIRCHILD-NC7SP38_04 Datasheet
294Kb / 8P
TinyLogic ULP 2-Input NAND Gate (Open Drain Output)
NC7SV05 FAIRCHILD-NC7SV05_04 Datasheet
287Kb / 8P
TinyLogic ULP-A Inverter (Open Drain Output)
NC7WV07 FAIRCHILD-NC7WV07_06 Datasheet
515Kb / 11P
TinyLogic ULP-A Dual Buffer (Open Drain Output)
logo
ON Semiconductor
NC7SP00 ONSEMI-NC7SP00_V01 Datasheet
170Kb / 8P
TinyLogic ULP-A NAND Gate
October, 2021 ??Rev. 1
NC7SP05 ONSEMI-NC7SP05_V01 Datasheet
333Kb / 9P
TinyLogic ULP-A Inverter (Open-Drain Output)
April, 2021 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com