Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7SP57 Datasheet (PDF) - ON Semiconductor

NC7SP57 Datasheet PDF - ON Semiconductor
Part # NC7SP57
Download  NC7SP57 Download
File Size   262.99 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic ULP-A Universal Configurable Logic Gates

NC7SP57 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7SP57 Datasheet PDF - ON Semiconductor

Part # NC7SP57
Download  NC7SP57 Click to download

File Size   262.99 Kbytes
Page   13 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic ULP-A Universal Configurable Logic Gates

NC7SP57 Datasheet (HTML) - ON Semiconductor


NC7SP57 Product details

The NC7SP57 and NC7SP58 are universal configurable logic gates
in tiny footprint packages. The devices are designed to operate
for VCC = 0.9 V to 3.6 V.

Features
• Designed for 0.9 V to 3.6 V VCC Operation
• 3.4 ns tPD at 3.3 V (Typ)
• Inputs/Outputs Over−Voltage Tolerant up to 3.6 V
• IOFF Supports Partial Power Down Protection
• Source/Sink 2.6 mA at 3.3 V
• Available in SC−88 and MicroPak™ Packages
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NC7SP57

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
TinyLogic. ULP Universal Configurable 2-Input Logic Gates
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
181Kb / 11P
TinyLogic ULP Universal Configurable 2-Input Logic Gates
logo
ON Semiconductor
NC7SP57 ONSEMI-NC7SP57 Datasheet
288Kb / 13P
TinyLogic ULP Universal Configurable
Revised March 2004
logo
Fairchild Semiconductor
NC7SP57L6X FAIRCHILD-NC7SP57L6X Datasheet
191Kb / 11P
TinyLogic. ULP Universal Configurable 2-Input Logic Gates
NC7SP57L6X FAIRCHILD-NC7SP57L6X Datasheet
181Kb / 11P
TinyLogic ULP Universal Configurable 2-Input Logic Gates
More results


Similar Description - NC7SP57

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7SP57 FAIRCHILD-NC7SP57 Datasheet
191Kb / 11P
TinyLogic. ULP Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57 Datasheet
194Kb / 11P
TinyLogic. ULP-A Universal Configurable 2-Input Logic Gates
NC7SP57 FAIRCHILD-NC7SP57_04 Datasheet
181Kb / 11P
TinyLogic ULP Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57_04 Datasheet
184Kb / 11P
TinyLogic ULP-A Universal Configurable 2-Input Logic Gates
NC7SZ57 FAIRCHILD-NC7SZ57_05 Datasheet
175Kb / 11P
TinyLogic UHS Universal Configurable 2-Input Logic Gates
NC7SV57 FAIRCHILD-NC7SV57_10 Datasheet
633Kb / 14P
TinyLogic짰 ULP-A Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
NC7SP57 ONSEMI-NC7SP57 Datasheet
288Kb / 13P
TinyLogic ULP Universal Configurable
Revised March 2004
NC7SV57 ONSEMI-NC7SV57 Datasheet
647Kb / 16P
TinyLogic ULP-A Universal Configurable Two-Input Logic Gates
December 2010 Rev. 1.0.4
NC7SV57 ONSEMI-NC7SV57_V01 Datasheet
376Kb / 13P
TinyLogic ULP-A Universal Configurable Logic Gates
August, 2021 ??Rev. 3
NC7SZ57 ONSEMI-NC7SZ57_V01 Datasheet
445Kb / 15P
TinyLogic UHS Universal Configurable Two-Input Logic Gates
March, 2022 - Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com