Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4435AM8R Datasheet (PDF) - AiT Semiconductor Inc.

AM4435AM8R Datasheet PDF - AiT Semiconductor Inc.
Part # AM4435AM8R
Download  AM4435AM8R Download
File Size   511.53 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description P-CHANNEL ENHANCEMENT MODE

AM4435AM8R Datasheet (PDF)

Go To PDF Page Download Datasheet
AM4435AM8R Datasheet PDF - AiT Semiconductor Inc.

Part # AM4435AM8R
Download  AM4435AM8R Click to download

File Size   511.53 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description P-CHANNEL ENHANCEMENT MODE

AM4435AM8R Datasheet (HTML) - AiT Semiconductor Inc.


AM4435AM8R Product details

DESCRIPTION
AM4435A is the P-Channel enhancement mode power field effect transistors are using trench DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior, fast switching performance, and withstand high energy pulse in the avalanche and commutation mode. This device is suitable for use as a load switch or PWM applications.
The AM4435A is available in SOP8 package.

FEATURES
 VDS = -30V, ID = -10.6A
RDS(ON) =14mΩ(Typ.)@VGS = -10V
RDS(ON) =18mΩ(Typ.)@VGS = -4.5V
 Fast switch
 High power and current handling capability
 Available in SOP8 Package

APPLICATIONS
 Load Switch
 LED Application
 DC-DC Power Management




Similar Part No. - AM4435AM8R

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM4435 AITSEMI-AM4435 Datasheet
664Kb / 9P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM4435 AITSEMI-AM4435 Datasheet
331Kb / 8P
-30V P-CHANNEL ENHANCEMENT MODE
REV1.0 - JUN 2010
logo
VBsemi Electronics Co.,...
AM4435M8R VBSEMI-AM4435M8R Datasheet
1,002Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM4435M8R AITSEMI-AM4435M8R Datasheet
664Kb / 9P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM4435M8R AITSEMI-AM4435M8R Datasheet
331Kb / 8P
-30V P-CHANNEL ENHANCEMENT MODE
REV1.0 - JUN 2010
More results


Similar Description - AM4435AM8R

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
P-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
P-Channel Enhancement Mode
logo
IXYS Corporation
IXTH90P10P IXYS-IXTH90P10P Datasheet
138Kb / 5P
P-Channel Enhancement Mode
IXTR16P60P IXYS-IXTR16P60P Datasheet
129Kb / 5P
P-Channel Enhancement Mode
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
P-Channel Enhancement-Mode P-Channel Enhancement-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com