Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4812 Datasheet (PDF) - AiT Semiconductor Inc.

AM4812 Datasheet PDF - AiT Semiconductor Inc.
Part # AM4812
Download  AM4812 Download
File Size   472.64 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description 30V N-CHANNEL ENHANCEMENT MODE

AM4812 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM4812 Datasheet PDF - AiT Semiconductor Inc.

Part # AM4812
Download  AM4812 Click to download

File Size   472.64 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description 30V N-CHANNEL ENHANCEMENT MODE

AM4812 Datasheet (HTML) - AiT Semiconductor Inc.


AM4812 Product details

DESCRIPTION
The AM4812 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density. Advanced trench technology to provide excellent RDS(ON). This high density process is especially tailored to minimize on-state resistance. The AM4812 is particularly suited for low voltage application, and low in-line power loss are needed in a very small outline surface mount package. The AM4812 is available in SOP8 Package.

FEATURES
 30V / 7.8A, RDS(ON) = 16mΩ (typ.)@VGS = 10V
 30V / 5.8A, RDS(ON) = 22mΩ (typ.)@VGS = 4.5V
 Super high density cell design for extremely low RDS(ON)
 Exceptional on-resistance and Maximum DC current capability
 Available in SOP8 Package

APPLICATION
 High Frequency Point-of-Load Synchronous
 New working DC-DC Power System
 Load Switch




Similar Part No. - AM4812

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4811P ANALOGPOWER-AM4811P Datasheet
380Kb / 5P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - AM4812

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
OCTOBER 2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com