Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4953 Datasheet (PDF) - AiT Semiconductor Inc.

AM4953 Datasheet PDF - AiT Semiconductor Inc.
Part # AM4953
Download  AM4953 Download
File Size   801.2 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description P-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM4953 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM4953 Datasheet PDF - AiT Semiconductor Inc.

Part # AM4953
Download  AM4953 Click to download

File Size   801.2 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description P-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM4953 Datasheet (HTML) - AiT Semiconductor Inc.


AM4953 Product details

DESCRIPTION
The AM4953 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V. This device is suitable for use as a load switch or in PWM applications.
The AM4953 is available in SOP8 package.

FEATURES
 VDS = -30V,ID = -5.1A
RDS(ON) <105mΩ @ VGS=-4.5V
RDS(ON) < 55mΩ @ VGS=-10V
 High Power and current handing capability
 Surface Mount Package
 Available in SOP8 Package

APPLICATION
 PWM applications
 Load switch
 Power management




Similar Part No. - AM4953

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4953 BCDSEMI-AM4953 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953 DIODES-AM4953 Datasheet
497Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
logo
AXElite technology co. ...
AM4953 AXELITE-AM4953 Datasheet
1Mb / 6P
-30V Dual P-Channel Enhancement Mode MOSFET
Rev.1.1 Sep.14, 2012
logo
BCD Semiconductor Manuf...
AM4953FM-G1 BCDSEMI-AM4953FM-G1 Datasheet
459Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
logo
Diodes Incorporated
AM4953FM-G1 DIODES-AM4953FM-G1 Datasheet
497Kb / 16P
BTL Drive Single-phase Full-wave Fan Motor Driver
Rev 1
More results


Similar Description - AM4953

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com