Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7401 Datasheet (PDF) - AiT Semiconductor Inc.

AM7401 Datasheet PDF - AiT Semiconductor Inc.
Part # AM7401
Download  AM7401 Download
File Size   640.88 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SINGLE P-CHANNEL

AM7401 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM7401 Datasheet PDF - AiT Semiconductor Inc.

Part # AM7401
Download  AM7401 Click to download

File Size   640.88 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SINGLE P-CHANNEL

AM7401 Datasheet (HTML) - AiT Semiconductor Inc.


AM7401 Product details

DESCRIPTION
AM7401 is the P-Channel enhancement mode power
field effect transistors are using trench DMOS
technology. This advanced technology has been
especially tailored to minimize on-state resistance,
provide superior, fast switching performance, and
withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for
high efficiency load switching applications.
AM74001 is available in a DFN8(3.3x3.3) package.

FEATURES
 VDS= -30V, ID= -39A
RDS(ON)=10.5mΩ(Typ.)@ VGS=-10V
RDS(ON)=14mΩ(Typ.)@ VGS=-4.5V
 100% UIS and Rg tested
 Available in a DFN8(3.3x3.3) package.

APPLICATION
 LED Application
 Power Management
 Load switch




Similar Part No. - AM7401

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7401P ANALOGPOWER-AM7401P Datasheet
373Kb / 5P
P-Channel 150-V (D-S) MOSFET
More results


Similar Description - AM7401

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM14407AA-N ELM-TECH-ELM14407AA-N Datasheet
94Kb / 4P
Single P-channel MOSFET
ELM14409AA-N ELM-TECH-ELM14409AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM14411AA-N ELM-TECH-ELM14411AA-N Datasheet
94Kb / 4P
Single P-channel MOSFET
ELM14419AA-N ELM-TECH-ELM14419AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM14427AA-N ELM-TECH-ELM14427AA-N Datasheet
98Kb / 4P
Single P-channel MOSFET
ELM14437AA-N ELM-TECH-ELM14437AA-N Datasheet
96Kb / 4P
Single P-channel MOSFET
ELM17415GA-S ELM-TECH-ELM17415GA-S Datasheet
99Kb / 4P
Single P-channel MOSFET
ELM32401LA-S ELM-TECH-ELM32401LA-S Datasheet
270Kb / 4P
Single P-channel MOSFET
ELM32405LA-S ELM-TECH-ELM32405LA-S Datasheet
250Kb / 4P
Single P-channel MOSFET
ELM32409LA-S ELM-TECH-ELM32409LA-S Datasheet
149Kb / 4P
Single P-channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com