Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7414 Datasheet (PDF) - AiT Semiconductor Inc.

AM7414 Datasheet PDF - AiT Semiconductor Inc.
Part # AM7414
Download  AM7414 Download
File Size   683.98 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description N-CHANNEL ENHANCEMENT MODE

AM7414 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM7414 Datasheet PDF - AiT Semiconductor Inc.

Part # AM7414
Download  AM7414 Click to download

File Size   683.98 Kbytes
Page   10 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description N-CHANNEL ENHANCEMENT MODE

AM7414 Datasheet (HTML) - AiT Semiconductor Inc.


AM7414 Product details

DESCRIPTION
The AM7414 is available in DFN8(3x3) Package

FEATURES
 60V/23A,
RDS(ON)= 25mΩ (Max.) @ VGS=10V
RDS(ON)= 28.5mΩ (Max.) @ VGS=4.5V
 Reliable and Rugged
 ESD Protection
 100% UIS + Rg Tested
 Available in DFN8(3x3) Package

APPLICATION
 DC-DC Converter.
 Motor Control
 Power Tools.
 Load Switching.




Similar Part No. - AM7414

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7414NA ANALOGPOWER-AM7414NA Datasheet
343Kb / 5P
N-Channel 100-V (D-S) MOSFET
More results


Similar Description - AM7414

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com