Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7423 Datasheet (PDF) - AiT Semiconductor Inc.

AM7423 Datasheet PDF - AiT Semiconductor Inc.
Part # AM7423
Download  AM7423 Download
File Size   625.06 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description P-CHANNEL ENHANCEMENT MODE

AM7423 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM7423 Datasheet PDF - AiT Semiconductor Inc.

Part # AM7423
Download  AM7423 Click to download

File Size   625.06 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description P-CHANNEL ENHANCEMENT MODE

AM7423 Datasheet (HTML) - AiT Semiconductor Inc.


AM7423 Product details

DESCRIPTION
The AM7423 is available in DFN8(3.3x3.3) package.

FEATURES
 -20V/-95A,
RDS(ON) = 3.6mΩ(max.) @ VGS =-10V
RDS(ON) = 4.6mΩ(max.) @ VGS =-4.5V
RDS(ON) = 7mΩ(max.) @ VGS =-2.5V
RDS(ON) = 10mΩ(max.) @ VGS =-1.8V
 HBM ESD protection level of 2.3kV typical
 100% UIS + RG Tested
 Reliable and Rugged
Note: The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
 Available in DFN8(3.3x3.3) package.

APPLICATION
 Power Management in Notebook Computer,
Portable Equipment and Battery Powered
Systems.




Similar Part No. - AM7423

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7423P ANALOGPOWER-AM7423P Datasheet
107Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - AM7423

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
P-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
P-Channel Enhancement Mode
logo
IXYS Corporation
IXTH90P10P IXYS-IXTH90P10P Datasheet
138Kb / 5P
P-Channel Enhancement Mode
IXTR16P60P IXYS-IXTR16P60P Datasheet
129Kb / 5P
P-Channel Enhancement Mode
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
P-Channel Enhancement-Mode P-Channel Enhancement-Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com