Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8204 Datasheet (PDF) - AiT Semiconductor Inc.

AM8204 Datasheet PDF - AiT Semiconductor Inc.
Part # AM8204
Download  AM8204 Download
File Size   836.27 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM8204 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM8204 Datasheet PDF - AiT Semiconductor Inc.

Part # AM8204
Download  AM8204 Click to download

File Size   836.27 Kbytes
Page   9 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM8204 Datasheet (HTML) - AiT Semiconductor Inc.


AM8204 Product details

DESCRIPTION
The AM8204 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a load switch or in PWM applications .It is ESD protested.
AM8204 is available in a SOT-26 package.

FEATURES
 VDS= 20V, ID= 6A
Typ.RDS(ON) = 17mΩ @ VGS= 4.5V
Typ.RDS(ON) = 22mΩ @ VGS= 2.5V
ESD Rating: 2000V HBM
 High Power and current handing capability
 Lead free product is acquired
 Surface Mount Package
 Available in a SOT-26 package.

APPLICATION
 PWM application
 Load switch




Similar Part No. - AM8204

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM8205 AITSEMI-AM8205 Datasheet
886Kb / 11P
MOSFET N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0 - JUN 2010
logo
VBsemi Electronics Co.,...
AM8205TMX8R VBSEMI-AM8205TMX8R Datasheet
963Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
AM8205TMX8VR VBSEMI-AM8205TMX8VR Datasheet
963Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
More results


Similar Description - AM8204

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com