Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO331 Datasheet (PDF) - AiT Semiconductor Inc.

AO331 Datasheet PDF - AiT Semiconductor Inc.
Part # AO331
Download  AO331 Download
File Size   1337.92 Kbytes
Page   11 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR

AO331 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO331 Datasheet PDF - AiT Semiconductor Inc.

Part # AO331
Download  AO331 Click to download

File Size   1337.92 Kbytes
Page   11 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR

AO331 Datasheet (HTML) - AiT Semiconductor Inc.


AO331 Product details

DESCRIPTION
The AO331 is Rail-to-Rail input CMOS comparator featuring Low-power and Open-Drain output.
The AO331 consists of a single precision voltage comparator with a typical input offset voltage of 1.0mV and high voltage gain.
The AO331 is specifically designed to operate from a single power supply over wide range of voltages. Operation from split power supply is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage.
The AO331 is available in SOT-25 package.

FEATURES
⚫ Wide Supply Voltage Range
⚫ Single Supply: 2.0V t o 36V
⚫ Dual Supplies: 1.0V to 18V
⚫ Low Supply Current at V CC =5V: 0.4mA
⚫ Low Input Bias Current : 25nA (
⚫ Low Input Offset Current: 5nA (Typical)
⚫ Low Input Offset Voltage: 1mV (Typical)
⚫ Input Common Mode Voltage Range Includes
Ground
⚫ Differential Input Voltage Range Equals to the
Power Supply Voltage
⚫ Low Output Saturation Voltage: 200mV at 4mA
⚫ Open Collector Output
⚫ Available in SOT-25 p ackage

APPLICATION
⚫ Portable and Battery Powered Applicatio ns
⚫ Alarm and Surve illance Circuits
⚫ Ind ustrial Instrument s
⚫ Sensor Applications
⚫ Personal Computing
⚫ Communication Equipment




Similar Part No. - AO331

ManufacturerPart #DatasheetDescription
logo
ams AG
AO331 AMSCO-AO331 Datasheet
15Kb / 2P
AND / OR circuit providing the logical function Q
More results


Similar Description - AO331

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1631S01 RENESAS-HA1631S01 Datasheet
272Kb / 23P
Single CMOS Comparator (Push Pull/Open Drain Output)
HA1631S01 RENESAS-HA1631S01_06 Datasheet
444Kb / 23P
Single CMOS Comparator (Push Pull/Open Drain Output)
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
1.8V Low Power Open-Drain Output Comparator
2009
MCP6566 MICROCHIP-MCP6566_11 Datasheet
806Kb / 46P
1.8V Low-Power Open-Drain Output Comparator
2011
logo
NXP Semiconductors
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
Low voltage comparator; open-drain output
Rev. 1-20 December 2012
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566_13 Datasheet
1Mb / 48P
1.8V Low-Power Open-Drain Output Comparator
2009-2013
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
Open Drain Output Comparator
logo
Renesas Technology Corp
HA1631S01020304 RENESAS-HA1631S01020304_15 Datasheet
509Kb / 24P
Single CMOS Comparator (Push Pull/Open Drain Output)
logo
NXP Semiconductors
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
Low voltage comparator; open-drain output
Rev. 5-30 October 2012
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
Low voltage comparator; open-drain output
Rev. 1-20 December 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com