Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS4006 Datasheet (PDF) - AiT Semiconductor Inc.

BAS4006 Datasheet PDF - AiT Semiconductor Inc.
Part # BAS4006
Download  BAS4006 Download
File Size   249.21 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY DIODES 120mA, 40V

BAS4006 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS4006 Datasheet PDF - AiT Semiconductor Inc.

Part # BAS4006
Download  BAS4006 Click to download

File Size   249.21 Kbytes
Page   5 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SCHOTTKY DIODES 120mA, 40V

BAS4006 Datasheet (HTML) - AiT Semiconductor Inc.


BAS4006 Product details

DESCRIPTION
120mA
Planar Schottky barrier diodes with an
integrated guard ring for stress protection. Single
diodes and double diodes with different pinning are
available.
The
BAS40 is available in SOT 23 p a ckage

FEATURES
⚫ Low Turn-on Voltage
⚫ Fast Switching
⚫ Low forward current
⚫ High breakdown vo ltage
⚫ Guard ring p rotected
⚫ Low diode capacitance.
⚫ Availabl e in SOT 23 p ackage

APPLICATIONS
⚫ Ultra high speed switching
⚫ Voltage clamping
⚫ Protection circuits.
⚫ Blocking diodes.




Similar Part No. - BAS4006

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAS4006LT1 MOTOROLA-BAS4006LT1 Datasheet
76Kb / 4P
CASE 318-08, STYLE 11 SOT-23 (TO-236AB)
More results


Similar Description - BAS4006

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
Schottky Barrier Diodes (Center-tap) 40V
FMB-24 SANKEN-FMB-24 Datasheet
62Kb / 2P
Schottky Barrier Diodes 40V
FMB-G14 SANKEN-FMB-G14 Datasheet
23Kb / 1P
Schottky Barrier Diodes 40V
FME-24H SANKEN-FME-24H Datasheet
17Kb / 1P
Schottky Barrier Diodes (Center tap) 40V
SPJ-63S SANKEN-SPJ-63S Datasheet
25Kb / 1P
Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V
SSB-14 SANKEN-SSB-14 Datasheet
34Kb / 2P
Schottky Barrier Diodes (Surface Mount) 40V
logo
Shindengen Electric Mfg...
D15FR4ST SHINDENGEN-D15FR4ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 40V, 15A
D20FR4ST SHINDENGEN-D20FR4ST Datasheet
1Mb / 7P
Schottky Barrier Diodes 40V, 20A
logo
AiT Semiconductor Inc.
SDM20U40 AITSEMI-SDM20U40 Datasheet
493Kb / 5P
SCHOTTKY DIODES 2PIN 40V
REV1.0
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
120mA LDO REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com