Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6138 Datasheet (PDF) - Maxim Integrated Products

MAX6138 Datasheet PDF - Maxim Integrated Products
Part # MAX6138
Download  MAX6138 Download
File Size   331.8 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages

MAX6138 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6138 Datasheet PDF - Maxim Integrated Products

Part # MAX6138
Download  MAX6138 Click to download

File Size   331.8 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages

MAX6138 Datasheet (HTML) - Maxim Integrated Products


MAX6138 Product details

General Description
The MAX6138 is a precision, two-terminal shunt mode, bandgap voltage reference available in fixed reverse breakdown voltages of 1.2205V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V, and 5.0V. Ideal for space-critical applications, the MAX6138 is offered in the subminiature 3-pin SC70 surface-mount package (1.8mm X 1.8mm), 50% smaller than comparable devices in SOT23 surface mount packages.

Features
♦ Ultra-Small 3-Pin SC70 Package
♦ 0.1% (max) Initial Accuracy
♦ 25ppm/°C (max) Temperature Coefficient Guaranteed Over -40°C to +85°C Temperature Range
♦ Wide Operating Current Range: 60µA to 15mA
♦ Low 28µVRMS Output Noise (10Hz to 10kHz)
♦ 1.2205V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V, and 5.0V Fixed Reverse Breakdown Voltages
♦ No Output Capacitors Required
♦ Stable with Capacitive Loads




Similar Part No. - MAX6138

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR12-T MAXIM-MAX6138_EXR12-T Datasheet
2Mb / 13P
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR21-T MAXIM-MAX6138_EXR21-T Datasheet
2Mb / 13P
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR25-T MAXIM-MAX6138_EXR25-T Datasheet
2Mb / 13P
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR30-T MAXIM-MAX6138_EXR30-T Datasheet
2Mb / 13P
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
More results


Similar Description - MAX6138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS2431 STMICROELECTRONICS-TS2431 Datasheet
278Kb / 6P
PROGRAMMABLE SHUNT VOLTAGE REFERENCE
Feb-2002
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
logo
Acutechnology Semicondu...
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
Revision 1.1 June 14, 2007
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
logo
3PEAK INC.
TP2021 3PEAK-TP2021 Datasheet
501Kb / 20P
SC70, 1.8V, Nano-power Comparators with Voltage Reference
logo
Maxim Integrated Produc...
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6279 MAXIM-MAX6279 Datasheet
1Mb / 9P
0.1%, 25ppm, Ceramic Shunt Voltage Reference
2019
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com