Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NC7ST02 Datasheet (PDF) - ON Semiconductor

NC7ST02 Datasheet PDF - ON Semiconductor
Part # NC7ST02
Download  NC7ST02 Download
File Size   301.92 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic HST 2-Input NOR Gate

NC7ST02 Datasheet (PDF)

Go To PDF Page Download Datasheet
NC7ST02 Datasheet PDF - ON Semiconductor

Part # NC7ST02
Download  NC7ST02 Click to download

File Size   301.92 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TinyLogic HST 2-Input NOR Gate

NC7ST02 Datasheet (HTML) - ON Semiconductor


NC7ST02 Product details

Description
The NC7ST02 is a single 2−Input high performance CMOS NOR
Gate, with TTL−compatible inputs. Advanced Silicon Gate CMOS
fabrication assures high speed and low power circuit operation. ESD
protection diodes inherently guard both inputs and output with respect
to the VCC and GND rails. High gain circuitry offers high noise
immunity and reduced sensitivity to input edge rate. The
TTL−compatible inputs facilitate TTL to NMOS / CMOS interfacing.
Device performance is similar to MM74HCT but with 1/2 the output
current drive of HC / HCT.

Features
• Space Saving SC−74A and SC−88A 5−Lead Package
• Ultra Small MicroPak™ Leadless Package
• High Speed: tPD < 7 ns Typ, VCC = 5 V, CL = 15 pF
• Low Quiescent Power: ICC < 1 A Typ, VCC = 5.5 V
• Balanced Output Drive: 2 mA IOL, −2 mA IOH
• TTL−compatible Inputs
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NC7ST02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7ST02 FAIRCHILD-NC7ST02 Datasheet
78Kb / 7P
TinyLogic HST 2-Input NOR Gate
NC7ST02 FAIRCHILD-NC7ST02 Datasheet
153Kb / 8P
TinyLogic HST 2-Input NOR Gate
logo
ON Semiconductor
NC7ST02 ONSEMI-NC7ST02 Datasheet
258Kb / 10P
TinyLogic HST 2-Input NOR Gate
Revised August 2004
logo
Fairchild Semiconductor
NC7ST02L6X FAIRCHILD-NC7ST02L6X Datasheet
153Kb / 8P
TinyLogic HST 2-Input NOR Gate
logo
ON Semiconductor
NC7ST02L6X ONSEMI-NC7ST02L6X Datasheet
258Kb / 10P
TinyLogic HST 2-Input NOR Gate
Revised August 2004
More results


Similar Description - NC7ST02

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7ST00 FAIRCHILD-NC7ST00 Datasheet
77Kb / 7P
TinyLogic HST 2-Input NAND Gate
NC7ST02 FAIRCHILD-NC7ST02 Datasheet
78Kb / 7P
TinyLogic HST 2-Input NOR Gate
NC7ST08 FAIRCHILD-NC7ST08 Datasheet
78Kb / 7P
TinyLogic HST 2-Input AND Gate
NC7ST00 FAIRCHILD-NC7ST00_04 Datasheet
153Kb / 8P
TinyLogic HST 2-Input NAND Gate
NC7ST02 FAIRCHILD-NC7ST02_04 Datasheet
153Kb / 8P
TinyLogic HST 2-Input NOR Gate
logo
ON Semiconductor
NC7ST00 ONSEMI-NC7ST00 Datasheet
258Kb / 10P
TinyLogic HST 2-Input NAND Gate
Revised August 2004
NC7ST02 ONSEMI-NC7ST02 Datasheet
258Kb / 10P
TinyLogic HST 2-Input NOR Gate
Revised August 2004
NC7ST08 ONSEMI-NC7ST08 Datasheet
527Kb / 11P
TinyLogic HST 2-Input AND Gate
Revised August 2004
NC7ST00 ONSEMI-NC7ST00_V01 Datasheet
300Kb / 8P
TinyLogic HST 2-Input NAND Gate
April, 2022 ??Rev. 4
NC7ST32 ONSEMI-NC7ST32_V01 Datasheet
302Kb / 8P
TinyLogic HST 2-Input OR Gate
April, 2022 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com