Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25172 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
BQ25172 Datasheet PDF - Texas Instruments
Part # BQ25172
Download  BQ25172 Download
File Size   2229.26 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ25172: 800-mA Linear Battery Charger for 1- to 6-Cell NiMH Batteries

BQ25172 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25172 Datasheet PDF - Texas Instruments

Part # BQ25172
Download  BQ25172 Click to download

File Size   2229.26 Kbytes
Page   30 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description BQ25172: 800-mA Linear Battery Charger for 1- to 6-Cell NiMH Batteries

BQ25172 Datasheet (HTML) - Texas Instruments


BQ25172 Product details

1 Features
• Input voltage up to 30-V tolerant
• Automatic Sleep Mode for low power consumption
– 350-nA battery leakage current
– 85-μA input leakage current when charge
disabled
• Supports 1- to 6-cell NiMH with intermittentcharging
• External resistor programmable operation
– VSET to set NiMH series cell-count from 1s to
6s
– ISET to set charge current from 10 mA to 800
mA
– TMR to set charge safety timer duration from
4 hr to 22 hr
• High accuracy
– ±0.5% charge voltage accuracy
– ±10% charge current accuracy
• Charging features
– NTC thermistor input to monitor battery
temperature
– Cold and hot temperature charging disabled
– VOUT_OVP reduced at cool temperatures
– TS pin for charging function control
– Open-drain output for status and fault indication
• Integrated fault protection
– 18-V IN overvoltage protection
– VSET based OUT overvoltage protection
– 1000-mA overcurrent protection
– 125°C thermal regulation; 150°C thermal
shutdown protection
– OUT short-circuit protection
– VSET, ISET, TMR pins short/open protection

2 Applications
• Fleet management, asset tracking
• Gas detector
• Electronic point of sales (ePOS)
• Beauty and grooming
• Electric toothbrush
• Pulse oximeter
• Blood glucose monitor
• Infrared thermometer

3 Description
The BQ25172 is an integrated 800-mA linear charger
for 1-cell to 6-cell NiMH batteries targeted at industrial
and medical applications. The device has a single
power output that charges the battery. The system
load can be placed in parallel with the battery, as
long as the average system load does not prevent the
battery from being charged fully within the safety timer
duration. When the system load is placed in parallel
with the battery, the charge current is shared between
the system and the battery.
The device charges NiMH cells in constant current
mode only and terminates the charge cycle when
the programmable timer expires or the battery
voltage exceeds the VOUT_OVP threshold. In all
charge phases, an internal control loop monitors
the IC junction temperature and reduces the charge
current if an internal temperature threshold TREG, is
exceeded.
The charger power stage and charge current sense
functions are fully integrated. The charger function
has high accuracy current, charge status display, and
timer-based charge termination. The series cell-count,
charge current, and charge timer are programmable
through external resistors. Intermittent charging allows
a NiMH battery to automatically recharge for a
reduced timer duration once its voltage falls below the
recharge threshold.




Similar Part No. - BQ25172

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25170 TI-BQ25170 Datasheet
556Kb / 10P
BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
BQ25170 TI2-BQ25170 Datasheet
2Mb / 35P
BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
REVISED APRIL 2021
BQ25170DSGR TI-BQ25170DSGR Datasheet
556Kb / 10P
BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
BQ25170DSGR TI2-BQ25170DSGR Datasheet
2Mb / 35P
BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
REVISED APRIL 2021
BQ25170DSGR.A TI2-BQ25170DSGR.A Datasheet
2Mb / 35P
BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
REVISED APRIL 2021
More results


Similar Description - BQ25172

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
22-May-06
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
26-Oct-09
logo
Energizer
CHDC8 ENERGIZER-CHDC8 Datasheet
122Kb / 1P
NiMH Battery Charger
CHFM ENERGIZER-CHFM Datasheet
151Kb / 1P
NiMH Battery Charger
logo
Texas Instruments
BQ25171-Q1 TI-BQ25171-Q1 Datasheet
750Kb / 11P
BQ25171-Q1: Automotive 800-mA Linear Battery Charger for 1- to 2-Cell Li-Ion, LiFePO4, and 1- to 6-Cell NiMH
BQ25170 TI-BQ25170 Datasheet
556Kb / 10P
BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
BQ25175 TI-BQ25175 Datasheet
1Mb / 31P
BQ25175 Standalone, 800-mA Linear Charger for 1-Cell Li-Ion
BQ25173 TI-BQ25173 Datasheet
2Mb / 31P
BQ25173: 800-mA Linear Charger for 1- to 4-Cell Supercapacitor
NOVEMBER 2021
BQ25173-Q1 TI1-BQ25173-Q1 Datasheet
1Mb / 31P
BQ25173-Q1 Automotive, Standalone 800-mA Linear Battery Charger for 1- to 4-Cell Supercapacitor
JULY 2023
BQ25176J TI-BQ25176J Datasheet
1Mb / 34P
BQ25176J: 800-mA JEITA-Compliant Linear Battery Charger For 1-Cell Li-Ion and LiFePO4 With VINDPM
OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com