Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC400-STB2 Datasheet (PDF) - Texas Instruments

CC400-STB2 Datasheet PDF - Texas Instruments
Part # CC400-STB2
Download  CC400-STB2 Download
File Size   575.64 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Single Chip High Performance RF Transceiver

CC400-STB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC400-STB2 Datasheet PDF - Texas Instruments

Part # CC400-STB2
Download  CC400-STB2 Click to download

File Size   575.64 Kbytes
Page   31 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Single Chip High Performance RF Transceiver

CC400-STB2 Datasheet (HTML) - Texas Instruments


CC400-STB2 Product details

Features
• Single chip RF transceiver
• Frequency range 300 – 500 MHz
• High sensitivity (typical -110 dBm)
• Programmable output power up to 25
mW (14 dBm)
• Small size (SSOP-28 package)
• Low supply voltage (2.7 V to 3.3 V)
• Very few external components required
• FSK modulation
• Very low phase noise
• Data-rate up to 9.6 kbps
• Suitable for both narrow and wide band
systems
• Suitable for frequency hopping
protocols
• Frequency-Lock indicator
• Development kit available
• Easy-to-use software (SmartRF Studio)
for generating the CC400 configuration
data

Product Description
CC400 is a single-chip high performance,
half-duplex, FSK, UHF transceiver
designed for low power and low-voltage
wireless applications. The circuit is mainly
intended for the ISM (Industrial, Scientific
and Medical) frequency bands at 315, 418
and 433 MHz, but can easily be
programmed for operation at other
frequency bands in the 300 - 500 MHz
range.
The main operating parameters of CC400
can be programmed via a serial interface,
thus making CC400 a very flexible and
easy to use component. In a typical
system CC400 will be used together with a
microcontroller and a few external passive
components.
CC400 is based on Chipcon’s SmartRF®
technology.




Similar Part No. - CC400-STB2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC400-STB2 TI-CC400-STB2 Datasheet
575Kb / 10P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400-STB2 TI-CC400-STB2 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
More results


Similar Description - CC400-STB2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
SINGLE CHIP RF TRANSCEIVER
logo
Texas Instruments
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
SINGLE- CHIP RF TRANSCEIVER
CC400 TI-CC400_V01 Datasheet
575Kb / 10P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400 TI-CC400_V03 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com