Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7041-Q1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ISO7041-Q1 Datasheet PDF - Texas Instruments
Part # ISO7041-Q1
Download  ISO7041-Q1 Download
File Size   1578.49 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator

ISO7041-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7041-Q1 Datasheet PDF - Texas Instruments

Part # ISO7041-Q1
Download  ISO7041-Q1 Click to download

File Size   1578.49 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ISO7041-Q1 Automotive, Ultra-Low Power Four-Channel Digital Isolator

ISO7041-Q1 Datasheet (HTML) - Texas Instruments


ISO7041-Q1 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature Grade 1: –40°C to +125°C
ambient operating temperature range
• Functional Safety-Capable
– Documentation available to aid functional safety
system design: ISO7041-Q1
• Meets VDA320 isolation requirements
• Ultra-low power consumption
– 3.5 μA per channel quiescent current (3.3 V)
– 15 μA per channel at 100 kbps (3.3 V)
– 116 μA per channel at 1 Mbps (3.3 V)
• Robust isolation barrier
– >100-year projected lifetime
– 3000 VRMS isolation rating
– ±100 kV/μs typical CMTI
• Wide supply range: 3.0 V to 5.5 V
• Wide temperature range: –40°C to +125°C
• Small 16-QSOP package (16-DBQ)
• Signaling rate: Up to 4 Mbps
• Default output High (ISO7041-Q1) and Low
(ISO7041F-Q1) options
• Robust electromagnetic compatibility (EMC)
– System-level ESD, EFT, and surge immunity
– ±8 kV IEC 61000-4-2 contact discharge
protection across isolation barrier
– Very low emissions
• Safety-related certifications (planned):
– DIN V VDE 0884-11:2017-01
– UL 1577 Component Recognition Program
– IEC 60950-1, IEC 62368-1, IEC 61010-1,
IEC60601-1 and GB 4943.1-2011 certifications

2 Applications
• Hybrid, electric and powertrain system (EV/HEV)
– Battery management system (BMS)
– On-board charger
– Traction inverter
– DC/DC converter
– Inverter and motor control

3 Description
The ISO7041-Q1 device is an ultra-low power,
multichannel digital isolator that can be used to
isolate CMOS or LVCMOS digital I/Os. Each isolation
channel has a logic input and output buffer separated
by a double capacitive silicon dioxide (SiO2) insulation
barrier. Innovative edge based architecture combined
with an ON-OFF keying modulation scheme allows
these isolators to consume very-low power while
meeting 3000-VRMS isolation rating per UL1577. The
per channel dynamic current consumption of the
device is under 120 μA/Mbps and the per channel
static current consumption is 3.5 μA at 3.3 V, allowing
for use of the ISO7041-Q1 in both power and thermal
constrained system designs.
The device can operate as low as 3.0 V, as high
as 5.5 V, and is fully functional with different supply
voltages on each side of isolation barrier. The four
channel isolator comes in a 16-QSOP package with
three forward-direction channels and one reversedirection
channel. The device has default output high
and low options. If the input power or signal is lost,
default output is high for the ISO7041-Q1 device
without the suffix F and low for the ISO7041F-Q1
device with the F suffix. See the Device Functional
Modes section for more information.




Similar Part No. - ISO7041-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7041 TI1-ISO7041 Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
ISO7041DBQ TI1-ISO7041DBQ Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
ISO7041DBQR TI1-ISO7041DBQR Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
ISO7041F TI-ISO7041F Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
ISO7041FDBQ TI1-ISO7041FDBQ Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
More results


Similar Description - ISO7041-Q1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Texas Instruments
TAS5414C-Q1 TI-TAS5414C-Q1_15 Datasheet
1Mb / 51P
TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
TAS5424C-Q1 TI-TAS5424C-Q1_15 Datasheet
1Mb / 51P
TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
ISO7310-Q1 TI-ISO7310-Q1 Datasheet
515Kb / 25P
ISO7310-Q1 Robust EMC, Low Power, Single Channel Digital Isolator
ISO7041 TI1-ISO7041 Datasheet
490Kb / 25P
Ultra-Low Power Four-Channel Digital Isolator
ISO7021 TI1-ISO7021 Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
ISO7021 TI1-ISO7021_V01 Datasheet
2Mb / 30P
ISO7021 Ultra-Low Power Two-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com