Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXMA Datasheet (PDF) - AiT Semiconductor Inc.

KXMA Datasheet PDF - AiT Semiconductor Inc.
Part # KXMA
Download  KXMA Download
File Size   242.83 Kbytes
Page   1 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SMD OCXO

KXMA Datasheet (PDF)

Go To PDF Page Download Datasheet
KXMA Datasheet PDF - AiT Semiconductor Inc.

Part # KXMA
Download  KXMA Click to download

File Size   242.83 Kbytes
Page   1 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description SMD OCXO

KXMA Datasheet (HTML) - AiT Semiconductor Inc.


KXMA Product details

Features
 Low phase noise.
 Stratum 3 (Overall ±4.6 ppm including 10 years aging.)
 Application for Base station, Measuring equipment,
Synthesizer , Digital switch , Reference Timing Circuit, etc.




Similar Part No. - KXMA

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
KXM ILLINOISCAPACITOR-KXM Datasheet
240Kb / 3P
Standardized case sizes - High ripple current ??Multiplecase sizes
logo
AiT Semiconductor Inc.
KXMB AITSEMI-KXMB Datasheet
249Kb / 1P
SMD OCXO
logo
Guangdong Kexin Industr...
KXMS6004FF KEXIN-KXMS6004FF Datasheet
558Kb / 5P
N-Channel Self Protected Enhancement Mode MOSFET
More results


Similar Description - KXMA

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
OH-X8FXXXXX NEL-OH-X8FXXXXX Datasheet
51Kb / 3P
HF/UHF OCXO Low Power SMD
logo
Advanced XTAL Products
AXIOM10 AXTAL-AXIOM10 Datasheet
54Kb / 2P
OCXO in SMD package
2005-07-15
AXIOM10HP AXTAL-AXIOM10HP Datasheet
54Kb / 2P
High-performance OCXO in SMD package
2008-04-01
AXIOM120 AXTAL-AXIOM120 Datasheet
132Kb / 4P
SMD OCXO with HCMOS Output
AXIOM125 AXTAL-AXIOM125 Datasheet
132Kb / 4P
SMD OCXO with Sine Wave Output
logo
Raltron Electronics Cor...
OX2550A RALTRON-OX2550A Datasheet
39Kb / 2P
Small OCXO in SMD package
logo
EUROQUARTZ limited
OC51T EUROQUARTZ-OC51T Datasheet
280Kb / 2P
SMD Minature Square Wave OCXO
logo
AiT Semiconductor Inc.
KXMB AITSEMI-KXMB Datasheet
249Kb / 1P
SMD OCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TP0019A TAI-SAW-TP0019A Datasheet
315Kb / 6P
OCXO SMD 25.4mmx22mm 10MHz
REV. NO.: 1.0
TP0026A TAI-SAW-TP0026A Datasheet
277Kb / 4P
OCXO SMD 14.1mmx9.1mm 20MHz
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com