Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB10S Datasheet (PDF) - AiT Semiconductor Inc.

MB10S Datasheet PDF - AiT Semiconductor Inc.
Part # MB10S
Download  MB10S Download
File Size   528.41 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A

MB10S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB10S Datasheet PDF - AiT Semiconductor Inc.

Part # MB10S
Download  MB10S Click to download

File Size   528.41 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A

MB10S Datasheet (HTML) - AiT Semiconductor Inc.


MB10S Product details

DESCRIPTION
The
MB1S~MB10S are available in MBS p a ckage

FEATURES
 G lass Passivated Chip Junction
 Reverse Voltage 100 to 1000 V
 Forward Current 0.8 A
 High Surge Current Capability
 Designed for Surface Mount Application
 Available in MBS p ackage

MECHANICAL DATA
Case: MBS
Terminals: Solderable per MIL-STD-750,
Method 2026
Approx. Weight: 100mg /0.0035oz




Similar Part No. - MB10S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB10S MCC-MB10S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB10S BILIN-MB10S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
MB10S YANGJIE-MB10S Datasheet
267Kb / 2P
SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
MB10S GOOD-ARK-MB10S Datasheet
146Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Daya Electric Group Co....
MB10S DAYA-MB10S Datasheet
43Kb / 1P
SINGLE PHASE 0.5 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - MB10S

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MD005 GULFSEMI-MD005 Datasheet
114Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:0.8A
logo
Rugao Dachang Electroni...
MB2M DACHANG-MB2M Datasheet
138Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
Rectifier Reverse Voltage 50 to 1000V
MB05M GXELECTRONICS-MB05M Datasheet
375Kb / 2P
Rectifier Reverse Voltage 50 to 1000V
logo
Shanghai Leiditech Elec...
LB2S LEIDITECH-LB2S Datasheet
719Kb / 2P
Reverse Voltage 200 and 1000V Forward Current 0.8A
logo
AiT Semiconductor Inc.
ABS1 AITSEMI-ABS1 Datasheet
386Kb / 5P
BRIDGE RECTIFIER GLASS REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
DB101S AITSEMI-DB101S Datasheet
603Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50V TO 1000V RECTIFIED CURRENT 1.0A
REV2.0
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
MB1F AITSEMI-MB1F Datasheet
552Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
MB1S AITSEMI-MB1S Datasheet
528Kb / 6P
BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com