Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1S Datasheet (PDF) - AiT Semiconductor Inc.

MB1S Datasheet PDF - AiT Semiconductor Inc.
Part # MB1S
Download  MB1S Download
File Size   528.41 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A

MB1S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB1S Datasheet PDF - AiT Semiconductor Inc.

Part # MB1S
Download  MB1S Click to download

File Size   528.41 Kbytes
Page   6 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A

MB1S Datasheet (HTML) - AiT Semiconductor Inc.


MB1S Product details

DESCRIPTION
The
MB1S~MB10S are available in MBS p a ckage

FEATURES
 G lass Passivated Chip Junction
 Reverse Voltage 100 to 1000 V
 Forward Current 0.8 A
 High Surge Current Capability
 Designed for Surface Mount Application
 Available in MBS p ackage

MECHANICAL DATA
Case: MBS
Terminals: Solderable per MIL-STD-750,
Method 2026
Approx. Weight: 100mg /0.0035oz




Similar Part No. - MB1S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB1S FAIRCHILD-MB1S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
Micro Commercial Compon...
MB1S MCC-MB1S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
MB1S CTC-MB1S Datasheet
50Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MB1S MCC-MB1S Datasheet
117Kb / 3P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
MB1S PFS-MB1S Datasheet
508Kb / 2P
Low Profile Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
More results


Similar Description - MB1S

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
MD005 GULFSEMI-MD005 Datasheet
114Kb / 2P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:0.8A
logo
Rugao Dachang Electroni...
MB2M DACHANG-MB2M Datasheet
138Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
Rectifier Reverse Voltage 50 to 1000V
MB05M GXELECTRONICS-MB05M Datasheet
375Kb / 2P
Rectifier Reverse Voltage 50 to 1000V
logo
Shanghai Leiditech Elec...
LB2S LEIDITECH-LB2S Datasheet
719Kb / 2P
Reverse Voltage 200 and 1000V Forward Current 0.8A
logo
AiT Semiconductor Inc.
ABS1 AITSEMI-ABS1 Datasheet
386Kb / 5P
BRIDGE RECTIFIER GLASS REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
DB101S AITSEMI-DB101S Datasheet
603Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50V TO 1000V RECTIFIED CURRENT 1.0A
REV2.0
DB201S AITSEMI-DB201S Datasheet
533Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 50 TO 1000V FORWARD CURRENT 2.0 A
REV1.0
MB1F AITSEMI-MB1F Datasheet
552Kb / 5P
BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
MB1S AITSEMI-MB1S Datasheet
528Kb / 6P
BRIDGE RECTIFIER REVERSE VOLTAGE 100V TO 1000V RECTIFIED CURRENT 0.8A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com