Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH10KL2C Datasheet (PDF) - Analog Technologies, Inc.

ATH10KL2C Datasheet PDF - Analog Technologies, Inc.
Part # ATH10KL2C
Download  ATH10KL2C Download
File Size   264.97 Kbytes
Page   6 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Stability Miniature Thermistor

ATH10KL2C Datasheet (PDF)

Go To PDF Page Download Datasheet
ATH10KL2C Datasheet PDF - Analog Technologies, Inc.

Part # ATH10KL2C
Download  ATH10KL2C Click to download

File Size   264.97 Kbytes
Page   6 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description High Stability Miniature Thermistor

ATH10KL2C Datasheet (HTML) - Analog Technologies, Inc.


ATH10KL2C Product details

MAIN FEATURES
 Glass Encapsulated for Long Term Stability & Reliability
 High Resistance Accuracy: 1%
 Maximum Temp. Range: -40℃ to 270℃
 Packaged in Extra Small Ring Lug
 100 % Lead (Pb)-free and RoHS Compliant

APPLICATION AREAS
Temperature sensing for laser diodes, optical components, etc.

DESCRIPTIONS
The ATH10KL2C is a thermistor assembly with a glass
encapsulated thermistor packaged in an extra compact ring
lug. The ATH10KL2C series thermistor consists of three
versions, ATH10KL2C, ATH10KL2CT70 and
ATH10KL2CT70S. The ATH10KL2C has bear leads coated
with copper, the ATH10KL2CT70S has the leads covered by
high temperature plastic tubing and sealed by epoxy, while
the ATH10KL2CT70 is the non-sealed version. Comparing
with conventional assemblies containing epoxy encapsulated
thermistors, ATH10KL2C series thermistor presents higher
long term stability, higher reliability and wider temperature
range. In addition, it has a small size and short response time.
The ATH10KL2C series thermistor can be used to measure
the temperatures of laser diodes, optical components, etc.,
with high accuracy and long term stability.
There are some differences among ATH10KL2A,
ATH10KL2B and ATH10KL2C. First, the ring sizes of them
are different. Second, the thermistor head in ATH10KL2A is
the same as ATH10KR8, while the heads in ATH10KL2B
and ATH10KL2C are the same as ATH10K1R25. Last, the
resistance temperature characteristics in ATH10KL2B and
ATH10KL2C are the same, different from ATH10KL2A.




Similar Part No. - ATH10KL2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATH10KL2 ETC2-ATH10KL2 Datasheet
331Kb / 2P
High Stability Thermistor Assembly
logo
Analog Technologies, In...
ATH10KL2B ANALOGTECHNOLOGIES-ATH10KL2B Datasheet
267Kb / 6P
High Stability Miniature Thermistor
3/31/2021
ATH10KL2B ANALOGTECHNOLOGIES-ATH10KL2B Datasheet
267Kb / 6P
High Stability Miniature Thermistor
3/31/2021
ATH10KL2BT70 ANALOGTECHNOLOGIES-ATH10KL2BT70 Datasheet
267Kb / 6P
High Stability Miniature Thermistor
3/31/2021
ATH10KL2BT70 ANALOGTECHNOLOGIES-ATH10KL2BT70 Datasheet
267Kb / 6P
High Stability Miniature Thermistor
3/31/2021
More results


Similar Description - ATH10KL2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATH10KR8 ETC2-ATH10KR8 Datasheet
301Kb / 2P
High Stability Miniature Thermistor
ATH100KR8 ETC2-ATH100KR8 Datasheet
288Kb / 3P
High Stability Miniature Thermistor
logo
Analog Technologies, In...
ATH100K1R25 ANALOGTECHNOLOGIES-ATH100K1R25 Datasheet
333Kb / 20P
High Stability Miniature Thermistor
4/9/2021
ATH100KL2B ANALOGTECHNOLOGIES-ATH100KL2B Datasheet
242Kb / 6P
High Stability Miniature Thermistor
7/24/2015
ATH100KL2C ANALOGTECHNOLOGIES-ATH100KL2C Datasheet
240Kb / 5P
High Stability Miniature Thermistor
3/31/2021
ATH10K1R0 ANALOGTECHNOLOGIES-ATH10K1R0 Datasheet
217Kb / 3P
High Stability Miniature Thermistor
3/31/2021
ATH10K1R25 ANALOGTECHNOLOGIES-ATH10K1R25 Datasheet
1Mb / 21P
High Stability Miniature Thermistor
4/9/2021
ATH10KHN10 ANALOGTECHNOLOGIES-ATH10KHN10 Datasheet
241Kb / 6P
High Stability Miniature Thermistor
3/31/2021
ATH10KHN4 ANALOGTECHNOLOGIES-ATH10KHN4 Datasheet
235Kb / 6P
High Stability Miniature Thermistor
3/31/2021
ATH10KHN6 ANALOGTECHNOLOGIES-ATH10KHN6 Datasheet
237Kb / 6P
High Stability Miniature Thermistor
3/31/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com