Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSC230K-100 Datasheet (PDF) - Analog Technologies, Inc.

ATSC230K-100 Datasheet PDF - Analog Technologies, Inc.
Part # ATSC230K-100
Download  ATSC230K-100 Download
File Size   280.38 Kbytes
Page   10 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Stainless Steel Capped Thermistor

ATSC230K-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSC230K-100 Datasheet PDF - Analog Technologies, Inc.

Part # ATSC230K-100
Download  ATSC230K-100 Click to download

File Size   280.38 Kbytes
Page   10 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Stainless Steel Capped Thermistor

ATSC230K-100 Datasheet (HTML) - Analog Technologies, Inc.


ATSC230K-100 Product details

MAIN FEATURES
 High strength stainless steel cap
 High precision glass encapsulated thermistor inside
 Excellent accuracy over a wide temperature range
 High resistance accuracy: ≤ ±1℃ (within 95℃-102℃)
 Wide operating temp. range: -30℃ to 300℃
 100 % lead (Pb)‒free and RoHS compliant

APPLICATIONS
For liquid temperature sensing, such as washing machines,
dish washers, heat pumps and electric boilers. This sensor is
especially designed to have a high accuracy for sensing
boiling water temperature around 100℃.

DESCRIPTION
The ATSC230K‒100 thermistor assembly is housed by a
stainless steel housing with a stainless flange. The thermistor
inside has glass encapsulation to ensure long time operation,
wide temperature range, and no parameter drift of either
short time or long term. The flange can be used for mounting
the thermistor assembly onto a chassis. Both the cap and the
flange are made of stainless steel, making them long time
lasting even under harsh environment, such as acid, moisture,
etc. The output terminals use a pair of heavy duty PVC
insulated wires of 26 AWG. The ends are terminated by a
standard 2 pin plug, which can be customized for other types
of connectors according to customers need. The length of the
wires can also be specified.




Similar Part No. - ATSC230K-100

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ATSC-1603I ALLIED-ATSC-1603I Datasheet
485Kb / 2P
T1/CEPT/ISDN-Pri Isolation Module
ATSC-3201I ALLIED-ATSC-3201I Datasheet
530Kb / 2P
T1/CEPT/ISDN-Pri Isolation Module
ATSC-3938I ALLIED-ATSC-3938I Datasheet
737Kb / 1P
T1/CEPT/ISDN-Pri Isolation Module
ATSC-4001S ALLIED-ATSC-4001S Datasheet
494Kb / 2P
T1/CEPT/ISDN-Pri Isolation Module
logo
ATMEL Corporation
ATSC018-SU-CM ATMEL-ATSC018-SU-CM Datasheet
857Kb / 38P
AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
More results


Similar Description - ATSC230K-100

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATSC10KF1-E1 ANALOGTECHNOLOGIES-ATSC10KF1-E1 Datasheet
320Kb / 3P
Stainless Steel Capped Thermistor
1/28/2022
ATSC10KF1-E2 ANALOGTECHNOLOGIES-ATSC10KF1-E2 Datasheet
262Kb / 3P
Stainless Steel Capped Thermistor
3/21/2022
ATSC10KF1-E3 ANALOGTECHNOLOGIES-ATSC10KF1-E3 Datasheet
295Kb / 3P
Stainless Steel Capped Thermistor
3/24/2022
ATSC10KF1-E4 ANALOGTECHNOLOGIES-ATSC10KF1-E4 Datasheet
290Kb / 3P
Stainless Steel Capped Thermistor
3/24/2022
ATSC10KF1-E5 ANALOGTECHNOLOGIES-ATSC10KF1-E5 Datasheet
289Kb / 3P
Stainless Steel Capped Thermistor
3/24/2022
ATSC10KF1-S1 ANALOGTECHNOLOGIES-ATSC10KF1-S1 Datasheet
291Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S3 ANALOGTECHNOLOGIES-ATSC10KF1-S3 Datasheet
324Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S4 ANALOGTECHNOLOGIES-ATSC10KF1-S4 Datasheet
331Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S5 ANALOGTECHNOLOGIES-ATSC10KF1-S5 Datasheet
313Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
ATSC10KF1-S6 ANALOGTECHNOLOGIES-ATSC10KF1-S6 Datasheet
317Kb / 3P
Stainless Steel Capped Thermistor
3/3/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com