Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTL06GP213 Datasheet (PDF) - NXP Semiconductors

CBTL06GP213 Datasheet PDF - NXP Semiconductors
Part # CBTL06GP213
Download  CBTL06GP213 Download
File Size   289.8 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Second-generation high performance general purpose switch

CBTL06GP213 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTL06GP213 Datasheet PDF - NXP Semiconductors

Part # CBTL06GP213
Download  CBTL06GP213 Click to download

File Size   289.8 Kbytes
Page   19 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Second-generation high performance general purpose switch

CBTL06GP213 Datasheet (HTML) - NXP Semiconductors


CBTL06GP213 Product details

General description
The CBTL06GP213 is a six-channel (‘hex’) multiplexer for DisplayPort, HDMI and
PCI Express applications at Generation 2 (‘Gen2’) speeds. It provides four differential
channels capable of 1 : 2 switching or 2 : 1 multiplexing bidirectional, AC-coupled
PCI Express, DisplayPort signals, USB3 SuperSpeed or DC coupled TMDS signals, using
high-bandwidth pass-gate technology. It provides support for high common-mode/bias
voltage on the high-speed differential channels. Additionally, it provides for
switching/multiplexing of the Hot Plug Detect signal as well as the AUX or DDC (Display
Data Channel) signals, for a total of six channels on the display side. The AUX and DDC
channels provide a four-position multiplexer such that an additional level of multiplexing
can be accomplished when AUX and DDC I/Os are on separate pins of the display source
device.
The CBTL06GP213 is designed for Gen2 speeds, supporting 5.0 Gbit/s for PCI Express,
5.4 Gbit/s for DisplayPort or 6 Gbit/s for HDMI 2.0. It consumes 490 A current (typical) in
operational mode and provides a shutdown function to support battery-powered
applications.
A typical application of CBTL06GP213 is on applications where one of two GPU display
sources must be selected to connect to a display sink device or connector. A controller
chip selects which path to use by setting a select signal HIGH or LOW. Due to the
non-directional nature of the signal paths (which use high-bandwidth pass gate
technology), the CBTL06GP213 can also be used in the reverse topology, for example, to
connect one display source device to one of two display sink devices or connectors.

Features and benefits
 1 : 2 switching or 2 : 1 multiplexing of DisplayPort (v1.2 - 5.4 Gbit/s) PCI Express
(v2.0 - 5.0 Gbit/s) signals, USB3 SuperSpeed or HDMI 2.0 (6 Gbit/s) TMDS signals
 4 high-speed differential channels with 2 : 1 muxing/switching for DisplayPort or
PCI Express or HDMI signals
 1 channel with 4 : 1 or 4 : 2 muxing/switching for AUX at 1 Mbit/s or DDC signals,
USB2 signals
 1 channel with 2 : 1 muxing/switching for single-ended HPD signal
 High-bandwidth analog pass-gate technology
 Supports high-speed signal switching over a wide common-mode range and
differential swing
 RON on DP high-speed channels: 7
 Low insertion loss:
 0.9 dB at 100 MHz
 1.1 dB at 1.35 GHz
 1.3 dB at 2.7 GHz
 3 dB bandwidth at 9.5 GHz
 Low crosstalk: 32 dB at 2.7 GHz
 Low off-state isolation: 23 dB at 2.7 GHz
 Low return loss: 19 dB at 2.7 GHz
 Very low intra-pair skew (5 ps typical)
 Very low inter-pair skew (< 80 ps)
 Switch/multiplexer position select CMOS input
 Shutdown mode CMOS input
 Supports backdrive protection
 Single 3.3 V power supply
 Operation current of 490 A typical, shut-down current 10 A maximum
 ESD 2 kV HBM, 500 V CDM
 Available in 5 mm  5 mm, 0.5 mm ball pitch TFBGA50 package

Applications
 Motherboard applications requiring DisplayPort, HDMI, PCI Express, and USB
switching/multiplexing
 Docking stations
 Notebook computers
 Chip sets requiring flexible allocation of PCI Express or DisplayPort I/O pins to board
connectors




Similar Part No. - CBTL06GP213

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTL06GP212 NXP-CBTL06GP212 Datasheet
64Kb / 2P
High performance DisplayPort switch with high common-mode voltage support
Rev. 1-2 May 2012
CBTL06GP212EE-G NXP-CBTL06GP212EE-G Datasheet
64Kb / 2P
High performance DisplayPort switch with high common-mode voltage support
Rev. 1-2 May 2012
More results


Similar Description - CBTL06GP213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320 TI-TMS320 Datasheet
603Kb / 69P
SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
logo
SONiX Technology Compan...
SN11086 SONIX-SN11086 Datasheet
227Kb / 14P
Second Generation USB1.1 Flash Memory Controller
logo
Microsemi Corporation
LX1562 MICROSEMI-LX1562 Datasheet
443Kb / 25P
SECOND-GENERATION POWER FACTOR CONTROLLER
logo
Altera Corporation
EPM7192SQC160-15 ALTERA-EPM7192SQC160-15 Datasheet
1Mb / 66P
High-performance, EEPROM-based programmable logic devices PLDs) based on second-generation MAX architecture
logo
Vishay Siliconix
VS-6CUT04 VISHAY-VS-6CUT04_15 Datasheet
146Kb / 9P
High Performance Schottky Generation
03-Nov-11
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15_1 Datasheet
1,015Kb / 99P
Second generation ASIC replacement technology
XC2S50E XILINX-XC2S50E Datasheet
113Kb / 4P
Second generation ASIC replacement technology
XC2S50E XILINX-XC2S50E_08 Datasheet
4Mb / 108P
Second generation ASIC replacement technology
logo
MagnaChip Semiconductor...
MBQ60T65PES MGCHIP-MBQ60T65PES Datasheet
590Kb / 8P
High Speed Fieldstop Trench IGBT Second Generation
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
Second generation AMD embedded
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com