|
General description
CBTL08GP053 is a USB Type-C High Performance Crossbar Switch IC meant to be used
for Type-C connector interface high speed passive switching applications. It provides
switching of high speed differential signals that correspond to various interface standards:
USB3.1 (10 Gbps), DP1.3 (8.1 Gbps), PCI Express 3.0 (8 Gbps), etc. It supports switching
of single ended signals over Type-C interface. In addition, side band switching of AUX and
other dedicated signals for transport over SBU1 and SBU2.
It provides the I2C-bus interface for switch control, configuration and status update. It
operates from a single platform power supply VDD.
This IC is targeted for a wide range of platforms (PCs, tablets, convertibles, smart phones)
and PC accessories (e.g. docks, monitors, etc.) applications.
CBTL08GP053 is available in a small footprint package option: VFBGA40 4.75 mm
3.25 mm, 0.5 mm pitch.
Features and benefits
2.1 High speed switch features
Supports the following interface standards: USB3.1, DP1.3, DP++, PCIe 3.0
Supports signaling rates up to 10 Gbps
Performs multiplexing or switching of high speed differential signals or single ended
signals
All switches are direction agnostic
Design based on both patented and patent pending high performance switch
technology
Target performance specification
Differential signaling (peak to peak) of 1.4 V and common mode level over 0 V to
2.2 V
1.8 V single ended rail to rail signaling
Ron: 7 (typ)
Insertion loss: 1.2 dB at 2.7 GHz, 1.8 dB at 5.4 GHz, 3dB at 8.5 GHz (typ)
Isolation: 23 dB at 2.7 GHz, 16.5 dB at 5.4 GHz (typ)
Cross talk: 32 dB at 2.7 GHz, 24 dB at 5.4 GHz (typ)
Return loss: 20 dB at 2.7 GHz, 16 dB at 5.4 GHz (typ)
Very low intra pair skew
Very low propagation delay (80 ps typical) and inter pair skew (35 ps typical)
Switch paths selectable through the I2C-bus interface (registers for atomic and
sequential switch selection)
2.2 Sideband auxiliary crossbar switch features
Single ended 2:1 multiplexing/switching with single ended cross bar switching of both
differential AUX or single ended UART or I2C or miscellaneous signals
Switches are direction agnostic
Switches are 5.5 V tolerant
Target performance specification (typical values)
Ron 8 (typ) at Vcm = 0.5 V to 2.65 V
Very low intra pair skew
Very low propagation delay (80 ps typical)
Switch paths selectable through the I2C-bus interface (registers for atomic and
sequential switch selection)
2.3 General
Supports I2C slave interface Standard mode (100 kbit/s) and Fast mode (400 kbit/s)
I2C slave address programmable up to 4 values
Back current protection on control pins and exposed connector side I/O pins
Single 3.3V power supply
Current consumption
Active mode (all switches are functional): 300 A (typ)
Standby mode (all switches in Hi-Z): 15 A (max)
Operating temperature: 40 to 105 C
ESD 2 kV HBM, 500 V CDM
Package: VFBGA40 4.75 mm 3.25 mm, 0.5 mm pitch
Applications
PC platforms: notebook PCs, desktop PCs, ultrabooks
Tablets, 2:1 convertibles, smartphones and portable devices
PC accessories/peripherals: multi-function monitors, etc.
|