Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTU4411 Datasheet (PDF) - NXP Semiconductors

CBTU4411 Datasheet PDF - NXP Semiconductors
Part # CBTU4411
Download  CBTU4411 Download
File Size   178.26 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 11-bit DDR2 SDRAM MUX/bus switch with 12 廓 ON resistance

CBTU4411 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTU4411 Datasheet PDF - NXP Semiconductors

Part # CBTU4411
Download  CBTU4411 Click to download

File Size   178.26 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 11-bit DDR2 SDRAM MUX/bus switch with 12 廓 ON resistance

CBTU4411 Datasheet (HTML) - NXP Semiconductors


CBTU4411 Product details

General description
This 11-bit bus switch is designed for 1.7 V to 1.9 V VDD operation and SSTL_18 select
input levels.
Each Host port pin (HPn) is multiplexed to one of four DIMM port pins (xDPn). The
selection of the DIMM port to be connected to the Host port is controlled by a decoder
driven by three hardware select pins S0, S1 and EN. Driving pin EN HIGH disconnects all
DIMM ports from their respective host ports. When EN is driven LOW, pins S0 and S1
select one of four DIMM ports to be connected to their respective host port. When
disconnected, any DIMM port is terminated to the externally supplied voltage Vbias by
means of an on-chip pull-down resistor of typically 400 Ω. The ON-state connects the
Host port to the DIMM port through a 12 Ω nominal series resistance. The design is
intended to have only one DIMM port active at any time.
The CBTU4411 can also be configured to support a differential strobe signal on
channel 10 (TRUE) and channel 9 (complementary Strobe). When its LVCMOS
configuration input strobe enable (STREN) is HIGH, channel 10 is pulled up to 3⁄4 of VDD
internally by a resistive divider when the DIMM port is idle. When the CBTU4411 is
disabled (EN = HIGH in Strobe mode), the pull-down on channel 10 is disabled for current
savings, pulling channel 10 to VDD. When strobe enable (STREN) is LOW, channel 10
behaves the same as all other channels.
The select inputs (S0, S1) are pseudo-differential type SSTL_18. A reference voltage
should be provided to input pin VREF at nominally 0.5VDD. This topology provides
accurate control of switching times by reducing dependency on select signal slew rates.
S0 and S1 are provided with selectable input termination to 0.5VDD (active when LVCMOS
input TERM is HIGH). When the CBTU4411 is disabled (EN = HIGH), both S0 and S1
inputs are pulled LOW.
The part incorporates a very low crosstalk design. It has a very low skew between outputs
(< 30 ps) and low skew (< 30 ps) for rising and falling edges. The part has optimal
performance in DDR2 data bus applications.
Each switch has been optimized for connection to 1- or 2-rank DIMMs.
The low internal RC time constant of the switch allows data transfer to be made with
minimal propagation delay.
The CBTU4411 is characterized for operation from 0 °C to +85 °C.

Features and benefits
 Enable (EN) and select signals (S0, S1) are SSTL_18 compatible
 Optimized for use in Double Data Rate 2 (DDR2) SDRAM applications
 Suitable to be used with 400 Mbit/s to 800 Mbit/s, 200 MHz to 400 MHz DDR2 data
bus
 Switch ON-resistance is designed to eliminate the need for series resistor to DDR2
SDRAM
 12 Ω ON-resistance
 Controlled enable/disable times support fast bus turnaround
 Pseudo-differential select inputs support accurate and low-skew control of switching
times
 Selectable built-in termination resistors on the Sn inputs
 Internal 400 Ω pull-down resistors on xDPn port
 VBIAS input for optimal DIMM-port pull-down when disabled
 Configurable to support differential strobe with pull-up to 3⁄4 of VDD on channel 10
when idle
 Low differential skew
 Matched rise/fall slew rate
 Low crosstalk data-data/data-DQM
 Simplified 1 : 4 switch position control by 2-bit encoded input
 Single input pin puts all bus switches in OFF (high-impedance) position
 Latch-up protection exceeds 500 mA per JESD78
 ESD protection exceeds 1500 V HBM per JESD22-A114 and 750 V CDM per
JESD22-C101




Similar Part No. - CBTU4411

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTU4411EE PHILIPS-CBTU4411EE Datasheet
178Kb / 21P
11-bit DDR2 SDRAM MUX/bus switch with 12 ohm ON resistance
Rev. 4-18 June 2012
CBTU4411 NXP-CBTU4411_09 Datasheet
115Kb / 20P
11-bit DDR2 SDRAM MUX/bus switch with 12 W ON resistance
Rev. 03-12 October 2009
More results


Similar Description - CBTU4411

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
12-BIT 3:1 MUX/DEMUX SWITCH
logo
Pericom Semiconductor C...
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV16214 IDT-IDT74CBTLV16214 Datasheet
74Kb / 5P
LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
logo
NXP Semiconductors
CBTV4010 PHILIPS-CBTV4010 Datasheet
72Kb / 10P
10-bit DDR SDRAM mux/bus switch
2002 Feb 19
CBTU4411 NXP-CBTU4411_09 Datasheet
115Kb / 20P
11-bit DDR2 SDRAM MUX/bus switch with 12 W ON resistance
Rev. 03-12 October 2009
CBTU4411EE PHILIPS-CBTU4411EE Datasheet
178Kb / 21P
11-bit DDR2 SDRAM MUX/bus switch with 12 ohm ON resistance
Rev. 4-18 June 2012
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
12-Channel, 2:1 Mux/DeMux Bus Switch
logo
Analog Devices
ADG1519 AD-ADG1519 Datasheet
663Kb / 15P
3.8 廓 On-Resistance, SPDT Switch
Rev. 0
logo
NXP Semiconductors
CBTV24DD12A NXP-CBTV24DD12A Datasheet
727Kb / 21P
12-bit bus switch/multiplexer for DDR4-DDR3-DDR2 applications
Rev. 2 ??15 November 2017
logo
Nexperia B.V. All right...
CBT16211 NEXPERIA-CBT16211 Datasheet
195Kb / 9P
24-bit bus switch with 12-bit output enables
2001 Jun 13
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com