Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX5P3363 Datasheet (PDF) - NXP Semiconductors

NX5P3363 Datasheet PDF - NXP Semiconductors
Part # NX5P3363
Download  NX5P3363 Download
File Size   1403.9 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description USB PD and Type-C current-limited power switch

NX5P3363 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX5P3363 Datasheet PDF - NXP Semiconductors

Part # NX5P3363
Download  NX5P3363 Click to download

File Size   1403.9 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description USB PD and Type-C current-limited power switch

NX5P3363 Datasheet (HTML) - NXP Semiconductors


NX5P3363 Product details

General description
The NX5P3363 is a precision adjustable current-limited power switch for USB PD
application. The device includes under voltage lockout, over-temperature protection, and
reverse current protection circuits to automatically isolate the switch terminals when a
fault condition occurs. The 29 V tolerance on VBUS pin ensures the device is able to work
on a USB PD port; a current limit input (ILIM) pin defines the overcurrent limit threshold;
an open-drain fault output (FLT) indicates when a fault condition has occurred.
The overcurrent limit threshold can be programmed from 400 mA to 3.3 A, using an
external resistor between the ILIM pin and GND pin. In the over current condition, the
device will clamp the output current to the value set by ILIM and keep the switch on while
asserting the FLT flag.
To minimize current surges during normal turn on, the device has built in soft start by
limiting the power switch turn on slew rate. However, user can disable the soft start and
request a fast output by pulling FO pin HIGH.
A fast RCP recovery circuit has been added to the switch to prevent reverse current
flowing back to power source at all times. When exiting from reverse current protection
state, the power MOSFET will turn on within 50 us. The fast RCP recovery ensures the
voltage on VBUS doesn’t drop too much in a power source swap application.
NX5P3363 is offered in a 2.2 x 2.2 mm, 16 bump WLCSP package.

Features and benefits
 VIN supply voltage range from 4.0 V to 5.5 V
 All time reverse current protection with ultra fast RCP recovery
 Adjustable current limit from 400 mA to 3.3 A
 Clamped current output in overcurrent condition
 29 V high voltage tolerance on VBUS pin
 Low ON resistance of the power FETs: 35 m (typical) in total
 Surge protection: IEC61000-4-5 exceeds ±80 V on VBUS
 Over temperature protection
 Safety approvals
 UL 62368-1, 2nd edition, file no. 20170804-E470128
 IEC 62368-1, 2nd edition, file no. DK-65509-UL
 ESD protection
 IEC61000-4-2 contact discharge exceeds 8 kV on VBUS
 HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2 kV
 CDM AEC standard Q100-01 (JESD22-C101E) exceeds 500 V
 Specified from 40 C to +85 C ambient temperature

Applications
 Notebook, ultrabook and desktop
 USB PD and Type C port/hubs
 Tablet and smart phone




Similar Part No. - NX5P3363

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5P3363-Q100 NXP-NX5P3363-Q100 Datasheet
1Mb / 23P
USB PD and Type-C current-limited power switch
Rev. 1.0 - 31 May 2024
NX5P3363UK/Q100 NXP-NX5P3363UK/Q100 Datasheet
1Mb / 23P
USB PD and Type-C current-limited power switch
Rev. 1.0 - 31 May 2024
More results


Similar Description - NX5P3363

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS65981-Q1 TI1-TPS65981-Q1 Datasheet
125Kb / 7P
USB Type-C and USB PD Controller, Power Switch, and High Multiplexer
TPS65983 TI1-TPS65983 Datasheet
2Mb / 114P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65986 TI1-TPS65986 Datasheet
2Mb / 109P
USB Type-C and USB PD Controller and Power Switch
TPS65981 TI1-TPS65981_16 Datasheet
2Mb / 98P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
logo
NXP Semiconductors
NX5P3090 NXP-NX5P3090 Datasheet
1Mb / 33P
USB PD and type C current-limited power switch
Rev. 1-1 August 2016
logo
Texas Instruments
TPS65983B TI1-TPS65983B Datasheet
2Mb / 112P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65983B TI1-TPS65983B_16 Datasheet
2Mb / 117P
USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
TPS65982_J1 TI1-TPS65982_J1 Datasheet
3Mb / 121P
USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
logo
NXP Semiconductors
NX5P3290 NXP-NX5P3290 Datasheet
869Kb / 24P
USB PD and Type-C current-limited power switch
Rev. 1.2-7 June 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com