Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2039EYMT-T5 Datasheet (PDF) - Microchip Technology

MIC2039EYMT-T5 Datasheet PDF - Microchip Technology
Part # MIC2039EYMT-T5
Download  MIC2039EYMT-T5 Download
File Size   2456.81 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Accuracy, High-Side, Adjustable Current-Limit Power Switch

MIC2039EYMT-T5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2039EYMT-T5 Datasheet PDF - Microchip Technology

Part # MIC2039EYMT-T5
Download  MIC2039EYMT-T5 Click to download

File Size   2456.81 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Accuracy, High-Side, Adjustable Current-Limit Power Switch

MIC2039EYMT-T5 Datasheet (HTML) - Microchip Technology


MIC2039EYMT-T5 Product details

General Description
The MIC2039 is a high-side MOSFET power
distribution switch that provides increased system
reliability by using 5% current-limit accuracy.
The MIC2039 has an operating input voltage range
from 2.5V to 5.5V, is internally current-limited, and has
thermal shutdown to protect the device and system.
The MIC2039 is offered with either active-high or
active-low logic level enable input controls. It has an
open drain fault status output flag with a built-in 32 ms
delay that asserts low during overcurrent or
thermal-shutdown conditions.
The MIC2039 features an adjustable output current
limit that is resistor-programmable from 0.2A to 2.5A.
The MIC2039 also offers a unique kickstart feature that
allows momentary high-current surges up to the
secondary current limit (ILIMIT_2nd) during startup or
while operating in steady-state. This is useful for
charging loads with high inrush currents, such as
capacitors. After an overcurrent condition is
established, these switches enter into a constant
current-limit mode unless the die temperature exceeds
the thermal-shutdown specification.
The MIC2039 is available in 6-pin SOT-23 and 6-pin
2 mm x 2 mm UDFN packages. The MIC2039 has an
operating junction temperature range of –40°C to +125°C.

Features
• ±5% Current-Limit Accuracy
• Input Supply Range from 2.5V to 5.5V
• Low Quiescent Current: 100 μA Typical (Switch
ON)
• 75 mΩ Typical RDS(ON) at 5V
• 0.2A to 2.5A Adjustable Output Current
• Kickstart: Momentary Secondary Current-Limit
Threshold (120 ms period)
• Soft-Start Functionality
• Undervoltage Lockout (UVLO)
• Fast 10 μs Short-Circuit Response Time
(Non-Kickstart Options)
• Fault Status Output Flag
• Logic Controlled Enable (Active-High, Active-Low)
• Thermal Shutdown
• Pin Compatible with MIC2009/MIC2019
• 6-Pin 2 mm x 2 mm UDFN and 6-Pin SOT-23 Packages
• Junction Temperature Range from –40°C to+125°C

Applications
• USB Peripherals and USB 2.0/3.0-Compatible
• DTV/STB
• Notebooks and Consumer Electronics
• General Purpose Power Distribution




Similar Part No. - MIC2039EYMT-T5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2039EYMT MICREL-MIC2039EYMT Datasheet
694Kb / 21P
High-Accuracy, High-Side, Adjustable Current Limit Power Switch
More results


Similar Description - MIC2039EYMT-T5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2039 MICREL-MIC2039 Datasheet
694Kb / 21P
High-Accuracy, High-Side, Adjustable Current Limit Power Switch
MIC2033 MICREL-MIC2033 Datasheet
654Kb / 20P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Rohm
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
1ch Adjustable Current Limit High Side Switch ICs
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033_15 Datasheet
701Kb / 21P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Rohm
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
1ch Adjustable Current Limit High Side Switch ICs
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
logo
Microchip Technology
MIC2033 MICROCHIP-MIC2033 Datasheet
1Mb / 28P
High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
logo
Rohm
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com