| Electronic Components Datasheet Search |
|
WSC Datasheet (PDF) - AiT Semiconductor Inc. |
WSC Datasheet (PDF) |
|
Download Datasheet |
| Part # | WSC |
| Download | WSC Click to download |
| File Size | 348.16 Kbytes |
| Page | 3 Pages |
| Manufacturer | AITSEMI [AiT Semiconductor Inc.] |
| Direct Link | https://ait-ic.com/ |
| Logo | |
| Description | WIRE WOUND SMD INDUCTOR 10uH짹20% / 1.0A |
WSC Datasheet (HTML) - AiT Semiconductor Inc. |
WSC Product details |
|
Similar Part No. - WSC |
|
Similar Description - WSC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |